Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC1D096SD Datasheet(PDF) 3 Page - Schneider Electric

Part # LC1D096SD
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 72 V DC coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D096SD Datasheet(HTML) 3 Page - Schneider Electric

  LC1D096SD Datasheet HTML 1Page - Schneider Electric LC1D096SD Datasheet HTML 2Page - Schneider Electric LC1D096SD Datasheet HTML 3Page - Schneider Electric LC1D096SD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Time constant
28 ms
Inrush power in W
5.4 W (at 20 °C)
Hold-in power consumption in W
5.4 W at 20 °C
Auxiliary contacts type
type mechanically linked 1 NO + 1 NC conforming to IEC 60947-5-1
type mirror contact 1 NC conforming to IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA for signalling circuit
Minimum switching voltage
17 V for signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm for signalling circuit
Contact compatibility
M4
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face conforming to IEC 60529
Protective treatment
TH conforming to IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…60 °C
60…70 °C with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...3000 m
Fire resistance
850 °C conforming to IEC 60695-2-1
Flame retardance
V1 conforming to UL 94
Mechanical robustness
Vibrations contactor open: 2 Gn, 5...300 Hz
Vibrations contactor closed: 4 Gn, 5...300 Hz
Shocks contactor open: 10 Gn for 11 ms
Shocks contactor closed: 15 Gn for 11 ms
Height
3.03 in (77 mm)
Width
1.77 in (45 mm)
Depth
3.74 in (95 mm)
Net Weight
1.06 lb(US) (0.48 kg)
Ordering and shipping details
Category
22355 - CTR,TESYS D,OPEN,9-38A DC
Discount Schedule
I12
GTIN
03389110806120
Nbr. of units in pkg.
1
Package weight(Lbs)
1.1 lb(US) (0.50 kg)
Returnability
No
Country of origin
FR
Packing Units
Package 1 Height
1.120 dm
Package 1 width
0.920 dm
Package 1 Length
0.500 dm
Offer Sustainability
Sustainable offer status
Green Premium product
California proposition 65
WARNING: This product can expose you to chemicals including: Antimony oxide & Antimony
trioxide, which is known to the State of California to cause cancer. For more information go to
www.P65Warnings.ca.gov
REACh Regulation
REACh Declaration
EU RoHS Directive
Compliant
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com