Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC1D096SD Datasheet(PDF) 1 Page - Schneider Electric

Part # LC1D096SD
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 72 V DC coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D096SD Datasheet(HTML) 1 Page - Schneider Electric

  LC1D096SD Datasheet HTML 1Page - Schneider Electric LC1D096SD Datasheet HTML 2Page - Schneider Electric LC1D096SD Datasheet HTML 3Page - Schneider Electric LC1D096SD Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1D096SD
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V
9 A - 72 V DC coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 119.00 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Resistive load
Motor control
Utilisation category
AC-4
AC-3
AC-1
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit: <= 690 V AC 25...400 Hz
Power circuit: <= 300 V DC
[Ie] rated operational current
9 A (at <60 °C) at <= 440 V AC AC-3 for power circuit
25 A 140 °F (60 °C)) <= 440 V AC AC-1 power circuit
Motor power kW
2.2 kW 220...230 V AC 50/60 Hz AC-3)
4 kW 380...400 V AC 50/60 Hz AC-3)
4 kW 415...440 V AC 50/60 Hz AC-3)
5.5 kW 500 V AC 50/60 Hz AC-3)
5.5 kW 660...690 V AC 50/60 Hz AC-3)
2.2 kW 400 V AC 50/60 Hz AC-4)
Motor power HP (UL / CSA)
1 hp 230/240 V AC 50/60 Hz 1 phase
2 hp 200/208 V AC 50/60 Hz 3 phase
2 hp 230/240 V AC 50/60 Hz 3 phase
5 hp 460/480 V AC 50/60 Hz 3 phase
7.5 hp 575/600 V AC 50/60 Hz 3 phase
0.33 hp 115 V AC 50/60 Hz 1 phase
Control circuit type
DC standard
[Uc] control circuit voltage
72 V DC
Auxiliary contact composition
1 NO + 1 NC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


Similar Part No. - LC1D096SD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D096SL SCHNEIDER-LC1D096SL Datasheet
124Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 72 V DC coil
Jan 4, 2021
More results

Similar Description - LC1D096SD

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D09BL SCHNEIDER-LC1D09BL Datasheet
101Kb / 6P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 24 V DC coil
08-Oct-2020
LC1D09FD SCHNEIDER-LC1D09FD Datasheet
125Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 110 V DC coil
Jan 4, 2021
LC1D25SD SCHNEIDER-LC1D25SD Datasheet
149Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 72 V DC coil
Jan 4, 2021
LC1D093BD SCHNEIDER-LC1D093BD Datasheet
119Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 24 V DC coil
Jan 4, 2021
LC1D093BL SCHNEIDER-LC1D093BL Datasheet
119Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 24 V DC coil
Jan 4, 2021
LC1D096SL SCHNEIDER-LC1D096SL Datasheet
124Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 72 V DC coil
Jan 4, 2021
LC1D129SD SCHNEIDER-LC1D129SD Datasheet
143Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 12 A - 72 V DC coil
Jan 4, 2021
LC1D186SL SCHNEIDER-LC1D186SL Datasheet
124Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 18 A - 72 V DC coil
Jan 4, 2021
LC1D256SD SCHNEIDER-LC1D256SD Datasheet
148Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 72 V DC coil
Jan 4, 2021
LC1D096R7 SCHNEIDER-LC1D096R7 Datasheet
118Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 440 V AC coil
Aug 17, 2019
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com