Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F0452C Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # F0452C
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452C Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button F0452C Datasheet HTML 7Page - Renesas Technology Corp F0452C Datasheet HTML 8Page - Renesas Technology Corp F0452C Datasheet HTML 9Page - Renesas Technology Corp F0452C Datasheet HTML 10Page - Renesas Technology Corp F0452C Datasheet HTML 11Page - Renesas Technology Corp F0452C Datasheet HTML 12Page - Renesas Technology Corp F0452C Datasheet HTML 13Page - Renesas Technology Corp F0452C Datasheet HTML 14Page - Renesas Technology Corp F0452C Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
11
May 5, 2020
Table 6.
Electrical Characteristics – RX Path in RX Mode Cascaded Performance and TX Performance
See the F0452C Application Circuit. Specifications apply when operated as an RX RF amplifier with VDD = +3.3V, fRF = 2.6GHz, TEPAD = +25°C,
STBYx = Low, RX output power = -10dBm, ZS = ZL = 50Ω, and EVKit trace and connector losses are de-embedded unless otherwise noted.
Parameter
Symbol
Condition
Minimum
Typical
Maximum
Units
Output Third-Order Intercept Point
OIP31
Pout = 0dBm/tone
5MHz tone separation
23[a]
dBm
OIP32
Pout = 0dBm/tone
5MHz tone separation
TEPAD = -40°C to 105°C
20
OIP33
Pout = 0dBm/tone
5MHz tone separation
Low Gain Mode
23
OIP34
Pout = 0dBm/tone
5MHz tone separation
Low Gain Mode
TEPAD = -40°C to 105°C
18
Output 1dB Compression
OP1dB1
High Gain Mode [b]
15
dBm
OP1dB2
High Gain Mode
TEPAD = -40°C to 105°C
11
OP1dB3
Low Gain Mode
14
OP1dB4
Low Gain Mode
TEPAD = -40°C to 105°C
10
Channel Isolation
ISOCH
RFISO1 =
�����������������1_������������������������
����������������2_������������������������
�����������������
with -60 ≤ SW1_IN ≤ -30dBm
RFISO2 =
�����������������2_������������������������
����������������1_������������������������
�����������������
with -60 ≤ SW2_IN ≤ -30dBm
54
64
dB
RF Switch Isolation
ISOSW
TX Mode
Measured at SW_IN to
RX_OUT of the same channel
55
65
dB
[a] Items in the “Minimum”/“Maximum” columns in bold italics are guaranteed by test. Items in the “Minimum”/“Maximum” columns not in bold italics
are guaranteed by design characterization.
[b] In the OP1dB calculation formula, “G” denotes the gain of each part instance at the frequency of interest and appropriate HIGH / LOW gain state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com