Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F0452C Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # F0452C
Description  Dual Path RF Switch with LNA and DVGA 2.3GHz to 2.7GHz
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F0452C Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button F0452C Datasheet HTML 16Page - Renesas Technology Corp F0452C Datasheet HTML 17Page - Renesas Technology Corp F0452C Datasheet HTML 18Page - Renesas Technology Corp F0452C Datasheet HTML 19Page - Renesas Technology Corp F0452C Datasheet HTML 20Page - Renesas Technology Corp F0452C Datasheet HTML 21Page - Renesas Technology Corp F0452C Datasheet HTML 22Page - Renesas Technology Corp F0452C Datasheet HTML 23Page - Renesas Technology Corp F0452C Datasheet HTML 24Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
F0452C Datasheet
© 2020 Renesas Electronics Corporation
21
May 5, 2020
Marking Diagram
IDTF04
52CLEGK
#YYWW$
LOT
Lines 1 and 2 indicate the part number
Line 3 indicates the following:
•
“#” denotes stepping
•
“YY” is the last two digits of the year; “WW” is the work week number when the part was assembled.
•
“$” denotes the mark code.
Line 4 is the lot number
Package Outline Drawings
The package outline drawings are appended at the end of this document and are accessible from the link below. The package information is
the most current data available.
www.idt.com/document/psc/32-fclga-package-outline-drawing-600-x-600-x-075-mm-body-460-x-460-mm-epad-05mm-pitch-lfg32p1
Ordering Information
Orderable Part Number
Package
MSL Rating
Shipping Packaging
Temperature
F0452CLFGK
6 × 6 × 0.75 mm 32-LGA
MSL3
Tray
-40° to +105°C
F0452CLFGK8
6 × 6 × 0.75 mm 32-LGA
MSL3
Reel
-40° to +105°C
F0452CEVB
Evaluation Board
Revision History
Revision Date
Description of Change
May 5, 2020
Updated thickness package dimensions to match the POD dimensions.
April 21, 2020
Updated Orderable Part Number Information.
Added Application Section Information.
February 26, 2020
Initial release.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com