Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC1D1506FE7 Datasheet(PDF) 3 Page - Schneider Electric

Part # LC1D1506FE7
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 115 V AC 50/60 Hz coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D1506FE7 Datasheet(HTML) 3 Page - Schneider Electric

  LC1D1506FE7 Datasheet HTML 1Page - Schneider Electric LC1D1506FE7 Datasheet HTML 2Page - Schneider Electric LC1D1506FE7 Datasheet HTML 3Page - Schneider Electric LC1D1506FE7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Inrush power in VA
280…350 VA 60 Hz 0.9 68 °F (20 °C))
280…350 VA 50 Hz 0.9 68 °F (20 °C))
Hold-in power consumption in VA
2…18 VA 60 Hz 0.9 68 °F (20 °C))
2…18 VA 50 Hz 0.9 68 °F (20 °C))
Heat dissipation
3…4.5 W 50/60 Hz
Auxiliary contacts type
Mechanically linked 1 NO + 1 NC IEC 60947-5-1
Mirror contact 1 NC IEC 60947-4-1
Signalling circuit frequency
25...400 Hz
Minimum switching current
5 mA signalling circuit
Minimum switching voltage
17 V signalling circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contact
1.5 ms on energisation between NC and NO contact
Insulation resistance
> 10 MOhm signalling circuit
Contact compatibility
M13
Compatibility code
LC1D
Environment
IP degree of protection
IP20 front face IEC 60529
Protective treatment
TH IEC 60068-2-30
Pollution degree
3
Ambient air temperature for operation
-40…140 °F (-40…60 °C)
140…158 °F (60…70 °C) with derating
Ambient air temperature for storage
-76…176 °F (-60…80 °C)
Operating altitude
0...9842.52 ft (0...3000 m)
Fire resistance
1562 °F (850 °C) IEC 60695-2-1
Flame retardance
V1 UL 94
Mechanical robustness
Vibrations contactor open2 Gn, 5...300 Hz
Vibrations contactor closed4 Gn, 5...300 Hz
Shocks contactor closed15 Gn for 11 ms
Shocks contactor open6 Gn for 11 ms
Height
6.22 in (158 mm)
Width
4.72 in (120 mm)
Depth
5.35 in (136 mm)
Net Weight
5.51 lb(US) (2.5 kg)
Ordering and shipping details
Category
22359 - CTR,TESYS D,OPEN,80-150A AC&DC
Discount Schedule
I12
GTIN
03389110965360
Nbr. of units in pkg.
1
Package weight(Lbs)
1 lb(US) (0.45 kg)
Returnability
No
Country of origin
CZ
Packing Units
Unit Type of Package 1
PCE
Package 1 Height
6.61 in (16.8 cm)
Package 1 width
8.19 in (20.8 cm)
Package 1 Length
7.28 in (18.5 cm)
Offer Sustainability
Sustainable offer status
Green Premium product
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com