Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LC1D1506FE7 Datasheet(PDF) 1 Page - Schneider Electric

Part # LC1D1506FE7
Description  TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 115 V AC 50/60 Hz coil
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHNEIDER [Schneider Electric]
Direct Link  https://www.se.com/us/en/
Logo SCHNEIDER - Schneider Electric

LC1D1506FE7 Datasheet(HTML) 1 Page - Schneider Electric

  LC1D1506FE7 Datasheet HTML 1Page - Schneider Electric LC1D1506FE7 Datasheet HTML 2Page - Schneider Electric LC1D1506FE7 Datasheet HTML 3Page - Schneider Electric LC1D1506FE7 Datasheet HTML 4Page - Schneider Electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Product data sheet
Characteristics
LC1D1506FE7
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V
150 A - 115 V AC 50/60 Hz coil
Product availability : Non-Stock - Not normally stocked in distribution facility
Price* : 800.40 USD
Main
Range
TeSys
Product name
TeSys D
Product or component type
Contactor
Device short name
LC1D
Contactor application
Motor control
Resistive load
Utilisation category
AC-3
AC-1
AC-4
Poles description
3P
Power pole contact composition
3 NO
[Ue] rated operational voltage
Power circuit <= 1000 V AC 25...400 Hz
Power circuit <= 300 V DC
[Ie] rated operational current
200 A 140 °F (60 °C)) <= 440 V AC AC-1 power circuit
150 A 140 °F (60 °C)) <= 440 V AC AC-3 power circuit
Motor power kW
40 kW 220...230 V AC 50/60 Hz AC-3)
75 kW 380...400 V AC 50/60 Hz AC-3)
80 kW 415...440 V AC 50/60 Hz AC-3)
90 kW 500 V AC 50/60 Hz AC-3)
100 kW 660...690 V AC 50/60 Hz AC-3)
75 kW 1000 V AC 50/60 Hz AC-3)
22 kW 400 V AC 50/60 Hz AC-4)
Motor power HP (UL / CSA)
40 hp 200/208 V AC 50/60 Hz 3 phase
50 hp 230/240 V AC 50/60 Hz 3 phase
100 hp 460/480 V AC 50/60 Hz 3 phase
125 hp 575/600 V AC 50/60 Hz 3 phase
Control circuit type
AC 50/60 Hz
[Uc] control circuit voltage
115 V AC 50/60 Hz
Auxiliary contact composition
1 NO + 1 NC
*  Price is “List Price” and may be subject to a trade discount – check with your local distributor or retailer for actual price.
Jan 4, 2021
1


Similar Part No. - LC1D1506FE7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D1506F7 SCHNEIDER-LC1D1506F7 Datasheet
150Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 110 V AC 50/60 Hz coil
Jan 4, 2021
More results

Similar Description - LC1D1506FE7

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
LC1D40A3FE7 SCHNEIDER-LC1D40A3FE7 Datasheet
148Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 40 A - 115 V AC 50/60 Hz coil
Jan 4, 2021
LC1D50AFE7 SCHNEIDER-LC1D50AFE7 Datasheet
150Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 50 A - 115 V AC 50/60 Hz coil
Jan 4, 2021
LC1D65A3FE7 SCHNEIDER-LC1D65A3FE7 Datasheet
147Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 65 A - 115 V AC 50/60 Hz coil
Jan 4, 2021
LC1D1156FE7 SCHNEIDER-LC1D1156FE7 Datasheet
127Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 115 V AC 50/60 Hz coil
Jan 4, 2021
LC1D1156G7 SCHNEIDER-LC1D1156G7 Datasheet
127Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 120 V AC 50/60 Hz coil
Jan 4, 2021
LC1D115B7 SCHNEIDER-LC1D115B7 Datasheet
128Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 24 V AC 50/60 Hz coil
Jan 4, 2021
LC1D115FE7 SCHNEIDER-LC1D115FE7 Datasheet
128Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 115 V AC 50/60 Hz coil
Jan 4, 2021
LC1D115R7 SCHNEIDER-LC1D115R7 Datasheet
127Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 440 V AC 50/60 Hz coil
Jan 4, 2021
LC1D150FE7 SCHNEIDER-LC1D150FE7 Datasheet
123Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 115 V AC 50/60 Hz coil
Jan 4, 2021
LC1D150R7 SCHNEIDER-LC1D150R7 Datasheet
123Kb / 4P
TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 150 A - 440 V AC 50/60 Hz coil
Jan 4, 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com