Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS85LS1016P Datasheet(PDF) 5 Page - Greenliant systems

Part # GLS85LS1016P
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1016P Datasheet(HTML) 5 Page - Greenliant systems

  GLS85LS1016P Datasheet HTML 1Page - Greenliant systems GLS85LS1016P Datasheet HTML 2Page - Greenliant systems GLS85LS1016P Datasheet HTML 3Page - Greenliant systems GLS85LS1016P Datasheet HTML 4Page - Greenliant systems GLS85LS1016P Datasheet HTML 5Page - Greenliant systems GLS85LS1016P Datasheet HTML 6Page - Greenliant systems GLS85LS1016P Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Factsheet 02.100
July 2018
These specifications are subject to change without notice.
07/10/2018
© 2018 Greenliant
5
S71445-F
GLS85LS1016P / 1032P
Industrial Grade
SATA NANDrive™
Valid Combinations
Valid product combinations are those that are in the mass production or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: SATA NANDrive Product Valid Ordering Numbers
Capacity
Operating Temperature
Part Number
Package
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-FZJE-ND101
FZJE, 14x24x1.95mm
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-FZJE-ND104
FZJE, 14x24x1.95mm
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-FZJE-TT095
FZJE, 14x24x1.95mm
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-FZJE-ND101
FZJE, 14x24x1.95mm
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-FZJE-ND104
FZJE, 14x24x1.95mm
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-FZJE-TT095
FZJE, 14x24x1.95mm
*
TT095 products include enhanced support for TRIM command and power management in Windows environments.
Table 3-2: SATA NANDrive Evaluation Board Valid Ordering Numbers
Capacity
Operating Temperature
Part Number
Form Factor
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-1S-ED101
Module with SATA connector
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-1S-ED104
Module with SATA connector
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-1S-ET095
Module with SATA connector
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-1S-ED101
Module with SATA connector
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-1S-ED104
Module with SATA connector
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-1S- ET095
Module with SATA connector
Table 3-3: SATA NANDrive miniSATA Evaluation Board Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Form Factor
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-1MS-ED101
JEDEC MO-300
16GB
Industrial (-40°C to 85°C)
GLS85LS1016P-S-I-1MS-ED104
JEDEC MO-300
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-1MS-ED101
JEDEC MO-300
32GB
Industrial (-40°C to 85°C)
GLS85LS1032P-S-I-1MS-ED104
JEDEC MO-300



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com