Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS85LS1016P Datasheet(PDF) 6 Page - Greenliant systems

Part # GLS85LS1016P
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1016P Datasheet(HTML) 6 Page - Greenliant systems

  GLS85LS1016P Datasheet HTML 1Page - Greenliant systems GLS85LS1016P Datasheet HTML 2Page - Greenliant systems GLS85LS1016P Datasheet HTML 3Page - Greenliant systems GLS85LS1016P Datasheet HTML 4Page - Greenliant systems GLS85LS1016P Datasheet HTML 5Page - Greenliant systems GLS85LS1016P Datasheet HTML 6Page - Greenliant systems GLS85LS1016P Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Factsheet 02.100
July 2018
These specifications are subject to change without notice.
07/10/2018
© 2018 Greenliant
6
S71445-F
GLS85LS1016P / 1032P
Industrial Grade
SATA NANDrive™
3.1
Package Diagram
TOP VIEW
11
10
9
8
7
6
5
4
3
2
1
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA AB AC
24.0 ±0.1
BOTTOM VIEW
1
2
3
4
5
6
7
8
9
10
11
A
B
C
D
E
F
G
H
J
K
L
M
N
P
R
T
U
V
W
Y
AA AB AC
SIDE
VIEW
1mm
DETAIL
Note: All linear dimensions are in millimeters.
Untoleranced dimensions are nominal target values.
Coplanarity: 0.15 mm.
0.40 ±0.05
Ball opening size is 0.40 mm (± 0.05 mm).
1.80 ± 0.15
SEATING PLANE
Figure 3-1: SATA NANDrive 145-Ball, Ball Grid Array (BGA) Greenliant Package Code: FZJ
14.0
+/- 0.1
A1
CORNER
14.0
1.0
8.0
1.0
0.5 +/- 0.05
(145x)
0.15
3.0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com