Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS85LS1002E Datasheet(PDF) 5 Page - Greenliant systems

Part # GLS85LS1002E
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1002E Datasheet(HTML) 5 Page - Greenliant systems

  GLS85LS1002E Datasheet HTML 1Page - Greenliant systems GLS85LS1002E Datasheet HTML 2Page - Greenliant systems GLS85LS1002E Datasheet HTML 3Page - Greenliant systems GLS85LS1002E Datasheet HTML 4Page - Greenliant systems GLS85LS1002E Datasheet HTML 5Page - Greenliant systems GLS85LS1002E Datasheet HTML 6Page - Greenliant systems GLS85LS1002E Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Factsheet 01.000
August 2019
These specifications are subject to change without notice.
08/08/2019
© 2019 Greenliant
5
S71469-01
GLS85LS1002E/1004E/1008E/1016E/1032E/1064E
Industrial Grade SATA NANDrive™ EX Series
Valid Combinations
Valid product combinations are those that are in the mass production, or will be in the mass production. Consult
your Greenliant sales representative to confirm availability of the valid combinations and to determine availability
of new product combinations.
Table 3-1: SATA NANDrive Product Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Package
2GB
Industrial (-40°C to 85°C)
GLS85LS1002E-S-I-LBJE-ND110
LBJE, 14x24x1.40mm
4GB
Industrial (-40°C to 85°C)
GLS85LS1004E-S-I-LBJE-ND110
LBJE, 14x24x1.40mm
8GB
Industrial (-40°C to 85°C)
GLS85LS1008E-S-I-LBJE-ND110
LBJE, 14x24x1.40mm
16GB
Industrial (-40°C to 85°C)
GLS85LS1016E-S-I-LBJE-ND110
LBJE, 14x24x1.40mm
32GB
Industrial (-40°C to 85°C)
GLS85LS1032E-S-I-LBJE-ND118
LBJE, 14x24x1.40mm
64GB
Industrial (-40°C to 85°C)
GLS85LS1064E-S-I-LBJE-ND118
LBJE, 14x24x1.40mm
Table 3-2: SATA NANDrive Evaluation Board Valid Ordering Numbers
Capacity Operating Temperature
Part Number
Form Factor
2GB
Industrial (-40°C to 85°C)
GLS85LS1002E-S-I-1S-ED110
Module with SATA connector
4GB
Industrial (-40°C to 85°C)
GLS85LS1004E-S-I-1S-ED110
Module with SATA connector
8GB
Industrial (-40°C to 85°C)
GLS85LS1008E-S-I-1S-ED110
Module with SATA connector
16GB
Industrial (-40°C to 85°C)
GLS85LS1016E-S-I-1S-ED110
Module with SATA connector
32GB
Industrial (-40°C to 85°C)
GLS85LS1032E-S-I-1S-ED118
Module with SATA connector
64GB
Industrial (-40°C to 85°C)
GLS85LS1064E-S-I-1S-ED118
Module with SATA connector



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com