Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GLS85LS1002E Datasheet(PDF) 1 Page - Greenliant systems

Part # GLS85LS1002E
Description  Industrial Grade SATA NANDrive
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GREENLIANT [Greenliant systems]
Direct Link  https://www.greenliant.com/
Logo GREENLIANT - Greenliant systems

GLS85LS1002E Datasheet(HTML) 1 Page - Greenliant systems

  GLS85LS1002E Datasheet HTML 1Page - Greenliant systems GLS85LS1002E Datasheet HTML 2Page - Greenliant systems GLS85LS1002E Datasheet HTML 3Page - Greenliant systems GLS85LS1002E Datasheet HTML 4Page - Greenliant systems GLS85LS1002E Datasheet HTML 5Page - Greenliant systems GLS85LS1002E Datasheet HTML 6Page - Greenliant systems GLS85LS1002E Datasheet HTML 7Page - Greenliant systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Factsheet 01.000
August 2019
These specifications are subject to change without notice.
08/08/2019
© 2019 Greenliant
1
S71469-01
GLS85LS1002E/1004E/1008E/1016E/1032E/1064E
Industrial Grade SATA NANDrive™ EX Series
Features
• Industry Standard Serial ATA (SATA) Host
Interface
–
SATA 1.5Gb/s, 3Gb/s and 6Gb/s
–
SATA Revision 3.2
–
ATA/ATAPI-8 compliant
–
Supports 48-bit address feature set
• Performance
–
Sequential data read: Up to 470 MByte/sec*
–
Sequential data write: Up to 340 MByte/sec*
* 128 KByte transfer size tested in VDBench on Linux
• Power Management
–
3.3V and 1.0V power supply
–
Host initialized power management (HIPM)
–
Device initialized power management (DIPM)
• Power Specifications
–
Active mode:
64GB: Up to 2180mW
32GB: Up to 1800mW
16GB: Up to 1980mW
8GB: Up to 1540mW
4GB: Up to 1200mW
2GB: Up to 1200mW
–
Idle / Standby mode: <355mW (typical)
–
DevSleep mode: <70mW (typical)
• Expanded Data Protection
–
Added data security through user-selectable
protection zones
–
Secure Erase (data sanitization)
• 20-Byte Serial Number
–
Factory pre-programmed 10-Byte unique ID
–
User-programmable 10-Byte ID
• Supports SMART and TRIM Commands
• Robust Built-in ECC
• Thermal Throttling
• Native Command Queuing (NCQ)
–
Up to 32 commands
• NAND Configuration
–
1 bit per cell (SLC)
–
Designed with Greenliant’s advanced
EnduroSLC™ Technology
• Ultra High Endurance
–
250K P/E cycles
• Operating Temperature Range
–
Industrial: -40°C to 85°C
• FBGA package
–
14.0 mm x 24.0 mm x 1.40 mm, 145-ball,
1.0 mm ball pitch, LBJE
• All Devices are RoHS Compliant
Product Description
The
GLS85LS10xxE
Industrial
Grade
SATA
NANDrive™ EX Series devices (referred to as “SATA
NANDrive” in this factsheet) are fully integrated solid
state drives. They combine an advanced Greenliant
NAND controller and 2, 4, 8, 16, 32 or 64 GBytes of
NAND flash in a multi-chip package. These products
are ideal for embedded and portable applications that
require a smaller form factor and reliable data storage.
SATA-interface solid state mass storage technology is
widely used in industrial PCs, single board computers,
servers, networking appliances, HMI and digital
signage
displays,
test
and
measurement
instrumentation,
multi-functional
printers,
robotics,
video equipment and security systems.
SATA NANDrive is a single device, solid state drive
(SSD) that provides the functionality and compatibility
of a complete SATA hard disk drive (HDD) in a 14 mm
x 24 mm BGA package for easy, space saving
mounting to a system motherboard. These products
surpass traditional storage in their small size, security,
reliability, ruggedness and low power consumption.
The integrated NAND flash controller with built-in
advanced
NAND
management
firmware
communicates with the host through the standard
SATA protocol. It does not require any additional or
proprietary software such as the Flash File System
(FFS) and Memory Technology Driver (MTD).
SATA NANDrive is pre-programmed with a 10-Byte
unique serial ID and has the option of programming
an additional 10-Byte serial ID for even greater
system security.
SATA NANDrive’s advanced NAND management
technology enhances data reliability and security,
improves endurance and accurately estimates the
remaining life of the NAND flash devices. This
innovative
technology
combines
robust
NAND
controller hardware error correction capabilities with
advanced wear-leveling algorithms and bad block
management to significantly extend the life of the
product.
SATA NANDrive devices are offered in a 145-ball BGA,
1 mm ball pitch package.


Similar Part No. - GLS85LS1002E

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002P-S-I-1MS-K GREENLIANT-GLS85LS1002P-S-I-1MS-K Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002P-S-I-1S-ED104 GREENLIANT-GLS85LS1002P-S-I-1S-ED104 Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002P-S-I-1S-ET095 GREENLIANT-GLS85LS1002P-S-I-1S-ET095 Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LS1002P-S-I-1S-K GREENLIANT-GLS85LS1002P-S-I-1S-K Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
More results

Similar Description - GLS85LS1002E

ManufacturerPart #DatasheetDescription
logo
Greenliant systems
GLS85VM10XXG GREENLIANT-GLS85VM10XXG Datasheet
108Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1004G GREENLIANT-GLS85VM1004G Datasheet
167Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85VM1002E GREENLIANT-GLS85VM1002E Datasheet
166Kb / 7P
Industrial Grade eMMC NANDrive EX Series
GLS85LS1XXXG GREENLIANT-GLS85LS1XXXG Datasheet
150Kb / 7P
Industrial Grade SATA NANDrive EX Series
GLS85LS1016P GREENLIANT-GLS85LS1016P Datasheet
133Kb / 7P
Industrial Grade SATA NANDrive
GLS85LS1008C GREENLIANT-GLS85LS1008C Datasheet
159Kb / 8P
Industrial Temp SATA NANDrive
GLS85LS1002P GREENLIANT-GLS85LS1002P Datasheet
146Kb / 8P
Industrial Grade SATA NANDrive
GLS85LP1001P GREENLIANT-GLS85LP1001P Datasheet
193Kb / 6P
Industrial Grade PATA NANDrive
GLS85LP0512P GREENLIANT-GLS85LP0512P Datasheet
122Kb / 8P
Industrial Grade PATA NANDrive
GLS85LD1001T GREENLIANT-GLS85LD1001T Datasheet
340Kb / 8P
Industrial Grade PATA NANDrive
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com