Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-57R5APZ Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AFCT-57R5APZ
Description  SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-57R5APZ Datasheet(HTML) 7 Page - Broadcom Corporation.

Back Button AFCT-57R5APZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 9Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 10Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 11Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
7
Notes:
1. TX_FAULT is an open collector/drain output, which must be pulled up with a 4.7 k – 10 kΩ resistor on the host board. When high, this output
indicates a laser fault of some kind. Low indicates normal operation. In the low state, the output will be pulled to < 0.8 V.
2. TX_DISABLE is an input that is used to shut down the transmitter optical output. It is internally pulled up (within the transceiver) with a 6.8 kΩ
resistor.
Low (0 – 0.8 V):
Transmitter on
Between (0.8 V and 2.0 V):
Undefined
High (2.0 – Vcc max) or OPEN:
Transmitter Disabled
3. The signals Mod-Def 0, 1, 2 designate the two wire serial interface pins. They must be pulled up with a 4.7 k – 10 kΩ resistor on the host board.
Mod-Def 0 is grounded by the module to indicate the module is present
Mod-Def 1 is serial clock line (SCL) of two wire serial interface
Mod-Def 2 is serial data line (SDA) of two wire serial interface
4. RX_LOS (Rx Loss of Signal) is an open collector/drain output that must be pulled up with a 4.7 k – 10 kΩ resistor on the host board. When high,
this output indicates the received optical power is below the worst case receiver sensitivity (as defined by the standard in use). Low indicates
normal operation. In the low state, the output will be pulled to < 0.8 V.
5. RD-/+ designate the differential receiver outputs. They are AC coupled 100 Ω differential lines which should be terminated with 100 Ω differential
at the host SERDES input. AC coupling is done inside the transceiver and is not required on the host board. The voltage swing on these lines will
be between 600 and 1600 mV differential (300 – 800 mV single ended) when properly terminated.
6. VccR and VccT are the receiver and transmitter power supplies. They are defined at the SFP connector pin. The maximum supply current is 300
mA and the associated in-rush current will typically be no more than 30 mA above steady state after 2 microseconds.
7. TD-/+ designate the differential transmitter inputs. They are AC coupled differential lines with 100 Ω differential termination inside the module.
The AC coupling is done inside the module and is not required on the host board. The inputs will accept differential swings of 400 – 2400 mV
(200 – 1200 mV single ended), although it is recommended that values between 500 mV and 1200 mV differential (250-600 mV single ended)
be used for best EMI performance.
Table 2. Pin Description
Pin
Name
Function/Description
Notes
1
VeeT
Transmitter Ground
2
TX_FAULT
Transmitter Fault Indication – High indicates a fault condition
Note 1
3
TX_DISABLE
Transmitter Disable – Module optical output disables on high or open
Note 2
4
MOD-DEF2
Module Definition 2 – Two wire serial ID interface data line (SDA)
Note 3
5
MOD-DEF1
Module Definition 1 – Two wire serial ID interface clock line (SCL)
Note 3
6
MOD-DEF0
Module Definition 0 – Grounded in module (module present indicator)
Note 3
7
N.C.
8
RX_LOS
Loss of Signal – High indicates loss of received optical signal
Note 4
9
VeeR
Receiver Ground
10
VeeR
Receiver Ground
11
VeeR
Receiver Ground
12
RD-
Inverse Received Data Out
Note 5
13
RD+
Received Data Out
Note 5
14
VeeR
Receiver Ground
15
VccR
Receiver Power + 3.3 V
Note 6
16
VccT
Transmitter Power + 3.3 V
Note 6
17
VeeT
Transmitter Ground
18
TD+
Transmitter Data In
Note 7
19
TD-
Inverse Transmitter Data In
Note 7
20
VeeT
Transmitter Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com