Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-57R5APZ Datasheet(PDF) 2 Page - Broadcom Corporation.

Part # AFCT-57R5APZ
Description  SFP, 1310 nm, 4 km, LC Connector, Pluggable Fibre Channel 4.25/2.125/1.0625 GBd
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-57R5APZ Datasheet(HTML) 2 Page - Broadcom Corporation.

  AFCT-57R5APZ Datasheet HTML 1Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 2Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 3Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 4Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 5Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 6Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 7Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 8Page - Broadcom Corporation. AFCT-57R5APZ Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
2
Digital Diagnostic Interface and Serial Identification
The 2-wire serial interface is based on ATMEL AT24C01A
series EEPROM protocol and signaling detail. Convention-
al SFP EEPROM memory, bytes 0-255 at memory address
0xA0, is organized in compliance with SFF-8074i. New
digital diagnostic information, bytes 0-255 at memory
address 0xA2, is compliant to SFF-8472. The new diag-
nostic information provides the opportunity for Predic-
tive Failure Identification, Compliance Prediction, Fault
Isolation and Component Monitoring.
The I2C accessible memory page address 0xB0 is used
internally by SFP for the test and diagnostic purposes
and it is reserved.
Predictive Failure Identification
The AFCT-57R5APZ predictive failure feature allows a host
to identify potential link problems before system perfor-
mance is impacted. Prior identification of link problems
enables a host to service an application via “fail over”
to a redundant link or replace a suspect device, main-
taining system uptime in the process. For applications
where ultra-high system uptime is required, a digital SFP
provides a means to monitor two real-time laser metrics
associated with observing laser degradation and pre-
dicting failure: average laser bias current (Tx_Bias) and
average laser optical power (Tx_Power).
Compliance Prediction
Compliance prediction is the ability to determine if an
optical transceiver is operating within its operating and
environmental requirements. AFCT-57R5APZ devices
provide real-time access to transceiver internal supply
voltage and temperature, allowing a host to identify
potential component compliance issues. Received
optical power is also available to assess compliance of
a cable plant and remote transmitter. When operating
out of requirements, the link cannot guarantee error free
transmission.
Fault Isolation
The fault isolation feature allows a host to quickly
pinpoint the location of a link failure, minimizing
downtime. For optical links, the ability to identify a fault
at a local device, remote device or cable plant is crucial
to speeding service of an installation. AFCT-57R5APZ
real-time monitors of Tx_Bias, Tx_Power, Vcc, Temperature
and Rx_Power can be used to assess local transceiver
current operating conditions. In addition, status flags
Tx_Disable and Rx Loss of Signal (LOS) are mirrored in
memory and available via the two-wire serial interface.
Component Monitoring
Component evaluation is a more casual use of the
AFCT-57R5APZ real-time monitors of Tx_Bias, Tx_Power,
Vcc, Temperature and Rx_Power. Potential uses are as
debugging aids for system installation and design, and
transceiver parametric evaluation for factory or field
qualification. For example, temperature per module can
be observed in high density applications to facilitate
thermal evaluation of blades, PCI cards and systems.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com