Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-5745Z Datasheet(PDF) 3 Page - Broadcom Corporation.

Part # AFCT-5745Z
Description  Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-5745Z Datasheet(HTML) 3 Page - Broadcom Corporation.

  AFCT-5745Z Datasheet HTML 1Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 2Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 3Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 4Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 5Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 6Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 7Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 8Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 9Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
Quantizer IC
PIN Photodiode
& Pre-Amplifier
Sub-Assembly
-
-
Laser Diode
Driver Controller
Laser Diode &
Monitor Diode
Sub-Assembly
-
Digital Diagnostics Supervisor
Memory
Optical Monitor
Analog to Digital
Conversion
Temperature Sensor
Supply Voltage Sensor
-
Hot-Plug Control
Laser Diode
Current Driver
LOS
RD+
RD
-
TD+
TD
-
Tx Disable
Tx Fault
Serial Data
Serial Clock
20
19
18
17
16
15
14
13
12
11
V
EET
TD-
TD+
V
EET
V
CCT
V
CCR
V
EER
RD+
RD-
V
EER
1
2
3
4
5
6
7
8
9
10
V
EET
Tx FAULT
TxDISABLE
MOD-DEF(2)
MOD-DEF(1)
MOD-DEF(0)
RATE SELECT
LOS
V
EER
V
EER
TOP OF BOARD
BOTTOM OF BOARD
(AS VIEWED THROUGH TOP OF BOARD)
Module Description
The transceiver meets the Small Form Pluggable (SFP)
industry standard package utilizing an integral LC-Duplex
optical interface connector. The hot-pluggable capabil-
ity of the SFP package allows the module to be installed
at any time - even with the host system operating and
on-line. This allows for system configuration changes or
maintenance without system down time.
Module Diagrams
Figure 1 illustrates the major functional components of
the AFCT-5745Z. The connection diagram of the mod-
ule is shown in Figure 2. Figure 3 depicts the external
configuration of the module. Figure 4 depicts the MSA
recommended power supply filter.
Installation
The AFCT-5745Z can be installed in or removed from any
Multisource Agreement (MSA) –compliant Small Form
Pluggable port regardless of whether the host equip-
ment is operating or not. The module is simply inserted,
electrical interface first, under finger pressure. Controlled
hot-plugging is ensured by design and by 3-stage pin
sequencing at the electrical interface. The module
housing makes initial contact with the host board EMI
shield mitigating potential damage due to Electro-Static
Discharge (ESD). The 3-stage pin contact sequencing
involves (1) Ground, (2) Power, and then (3) Signal pins,
making contact with the host board surface mount con-
nector in that order.
Figure 1. Transceiver Functional Block Diagram
Figure 2. Connection Diagram of Module Printed Circuit Board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com