Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFCT-5745Z Datasheet(PDF) 12 Page - Broadcom Corporation.

Part # AFCT-5745Z
Description  Family of Single-Mode SFP Transceivers for SONET OC-48 and SDH/STM-16 with Digital Diagnostic Monitoring (DMI) Interface
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AFCT-5745Z Datasheet(HTML) 12 Page - Broadcom Corporation.

Back Button AFCT-5745Z Datasheet HTML 8Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 9Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 10Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 11Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 12Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 13Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 14Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 15Page - Broadcom Corporation. AFCT-5745Z Datasheet HTML 16Page - Broadcom Corporation. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
12
Transceiver Timing Characteristics
Parameter
Symbol
Minimum
Typical
Maximum
Unit
Notes
Tx Disable Assert Time
t_off
10
µs
1
Tx Disable Negate Time
t_on
1
ms
2
Time to initialize, including reset of Tx-Fault
t_init
300
ms
3
Tx Fault Assert Time
t_fault
100
µs
4
Tx Disable to Reset
t_reset
10
µs
5
LOS Assert Time
t_loss_on 2.3
100
µs
6
LOS Deassert Time
t_loss_off
100
µs
7
Serial ID Clock Rate
f_serial_
clock
100
kHz
Transceiver Digital Diagnostic Monitor (Real Time Sense) Characteristics
(TC= -10 °C to +85 °C,VCCT, R = 3.1V to 3.5V)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Reference
Transceiver Internal Temperature Accuracy
TINT
-3.0
+3.0
°C
1
Transceiver Internal Supply Voltage Accuracy
VINT
-3.0
+3.0
%
2
Transmitter Laser dc Bias Current Accuracy
IINT
-10
+10
%
3
Transmitted Average Optical Output Power Accuracy
PT
-3.0
+3.0
dB
Received Average Optical Input Power Accuracy
PR
-3.0
+3.0
dB
Notes:
1. Temperature was measured internal to the transceiver. Valid from = -10 °C to +85 °C.
For calibration to an external temperature, please contact Avago.
2. Reference voltage is 3.3 V.
3. Valid from 0 to 50 mA, avg.
Notes:
1. Time from rising edge of Tx Disable to when the optical output falls below 10% of nominal.
2. Time from falling edge of Tx Disable to when the modulated optical output rises above 90% of nominal.
3. From power on or negation of Tx Fault using Tx Disable.
4. Time from fault to Tx fault on.
5. Time Tx Disable must be held high to reset Tx_fault.
6. Time from LOS state to Rx LOS assert.
7. Time from non-LOS state to RX LOS deassert. With RX input power less than -6dBm and greater than -21dBm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com