Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8A2PD-B3 Datasheet(PDF) 21 Page - Seoul Semiconductor

Part # STW8A2PD-B3
Description  Mid-Power LED - 3528 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD-B3 Datasheet(HTML) 21 Page - Seoul Semiconductor

Back Button STW8A2PD-B3 Datasheet HTML 17Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 18Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 19Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 20Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 21Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 22Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 23Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 24Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 25Page - Seoul Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 35 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD-B3
– Mid-Power LED
21
Rev 01, Oct 21, 2020
Color Bin Structure
CIE Chromaticity Diagram T
j=25℃, IF=65mA
6500K 3Step
5700K 3Step
5000K 3Step
3A
3B
3C
Center point
0.3123 : 0.3282
Center point
0.3287 : 0.3417
Center point
0.3447 : 0.3553
Major Axis a
0.00669
Major Axis a
0.00746
Major Axis a
0.00822
Minor Axis b
0.00285
Minor Axis b
0.00320
Minor Axis b
0.00354
Ellipse
Rotation Angle
58.57
Ellipse
Rotation Angle
59.09
Ellipse
Rotation Angle
59.62
6500K 4Step
5700K 4Step
5000K 4Step
4A
4B
4C
Center point
0.3123 : 0.3282
Center point
0.3287 : 0.3417
Center point
0.3447 : 0.3553
Major Axis a
0.00892
Major Axis a
0.00995
Major Axis a
0.01096
Minor Axis b
0.00380
Minor Axis b
0.00427
Minor Axis b
0.00472
Ellipse
Rotation Angle
58.57
Ellipse
Rotation Angle
59.09
Ellipse
Rotation Angle
59.62
AA
AB
AC
AD
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3028
0.3304
0.3115
0.3393
0.3131
0.329
0.3048
0.3209
0.3048
0.3209
0.3131
0.329
0.3146
0.3187
0.3068
0.3113
0.3131
0.329
0.3213
0.3371
0.3221
0.3261
0.3146
0.3187
0.3115
0.3393
0.3205
0.3481
0.3213
0.3371
0.3131
0.329
BA
BB
BC
BD
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3207
0.3462
0.3292
0.3539
0.3293
0.3423
0.3215
0.3353
0.3215
0.3353
0.3293
0.3423
0.3294
0.3306
0.3222
0.3243
0.3293
0.3423
0.3371
0.3493
0.3366
0.3369
0.3294
0.3306
0.3292
0.3539
0.3376
0.3616
0.3371
0.3493
0.3293
0.3423
CA
CB
CC
CD
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
CIE X
CIE Y
0.3376
0.3616
0.3463
0.3687
0.3452
0.3558
0.3371
0.3493
0.3371
0.3493
0.3452
0.3558
0.344
0.3428
0.3366
0.3369
0.3452
0.3558
0.3533
0.3624
0.3514
0.3487
0.344
0.3428
0.3463
0.3687
0.3551
0.376
0.3533
0.3624
0.3452
0.3558
0.30
0.32
0.34
0.36
0.30
0.32
0.34
0.36
0.38
4C
4B
3B
A
4A
3C
CD
CC
CB
CA
BD
BC
BB
BA
3A
AD
AC
AA
5000K
5700K
6500K
AB
B
C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com