Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW8A2PD-B3 Datasheet(PDF) 32 Page - Seoul Semiconductor

Part # STW8A2PD-B3
Description  Mid-Power LED - 3528 Series
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEOUL [Seoul Semiconductor]
Direct Link  http://www.seoulsemicon.com
Logo SEOUL - Seoul Semiconductor

STW8A2PD-B3 Datasheet(HTML) 32 Page - Seoul Semiconductor

Back Button STW8A2PD-B3 Datasheet HTML 27Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 28Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 29Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 30Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 31Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 32Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 33Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 34Page - Seoul Semiconductor STW8A2PD-B3 Datasheet HTML 35Page - Seoul Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 32 / 35 page
background image
www.seoulsemicon.com
Product Data Sheet
STW8A2PD-B3
– Mid-Power LED
32
Rev 01, Oct 21, 2020
Precaution for Use
(1) Storage
To avoid the moisture penetration, we recommend store in a dry box with a desiccant.
The maximum storage temperature range is 40℃ and a maximum humidity of
RH90%.
(2) Use Precaution after Opening the Packaging
Use SMT techniques properly when the LED is to be soldered dipped as separation of the lens m
ay affect the light output efficiency.
Pay attention to the following:
a. Recommend conditions after opening the package
- Sealing
- Temperature : 30℃ Humidity : less than RH60%
b. If the package has been opened more than 4 week(MSL_2a) or the color of the desiccant
changes, components should be dried for 10-24hr at 65± 5℃
(3) Do not apply mechanical force or excess vibration during the cooling process to normal
temperature after soldering.
(4) Do not rapidly cool device after soldering.
(5) Components should not be mounted on warped (non coplanar) portion of PCB.
(6) Radioactive exposure is not considered for the products listed here in.
(7) Gallium arsenide is used in some of the products listed in this publication.
These products are dangerous if they are burned or shredded in the process of disposal.
It is also dangerous to drink the liquid or inhale the gas generated by such products when
chemically disposed of.
(8) This device should not be used in any type of fluid such as water, oil, organic solvent and etc.
When washing is required, IPA (Isopropyl Alcohol) should be used.
(9) When the LEDs are in operation the maximum current should be decided after measuring
the package temperature.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com