Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMGP-6445 Datasheet(PDF) 7 Page - Broadcom Corporation.

Part # AMGP-6445
Description  40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6445 Datasheet(HTML) 7 Page - Broadcom Corporation.

  AMGP-6445 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 8Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
7
Figure 13. Detector voltages vs. Output Power at Freq = 40 GHz
Figure 15. Detector voltages vs. Output Power at Freq = 42 GHz
Figure 14. Detector voltages vs. Output Power at Freq = 41 GHz
Figure 16. Detector voltages vs. Output Power at Freq = 43 GHz
Figure 17. Detector voltages vs. Output Power at Freq = 44 GHz
Figure 18. Typical detector sensitivity vs. Output Power at Freq = 42 GHz
Detector Performance Plots
Det_O @85° C
Det_O @-40° C
Det_R @85° C
Det_R @-40° C
Det_O @25° C
Det_R @25° C
DET_O
Vdelta [V]
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Pout [W]
Det_O @85° C
Det_O @-40° C
Det_R @85° C
Det_R @-40° C
Det_O @25° C
Det_R @25° C
Det_O @85° C
Det_O @-40° C
Det_R @85° C
Det_R @-40° C
Det_O @25° C
Det_R @25° C
Det_O @85° C
Det_O @-40° C
Det_R @85° C
Det_R @-40° C
Det_O @25° C
Det_R @25° C
Det_O @85° C
Det_O @-40° C
Det_R @85° C
Det_R @-40° C
Det_O @25° C
Det_R @25° C
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
Pout [dBm]
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
Pout [dBm]
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
Pout [dBm]
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
Pout [dBm]
-1.5
-1
-0.5
0
0.5
1
1.5
0
5
10
15
20
25
30
Pout [dBm]



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com