Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AMGP-6445 Datasheet(PDF) 9 Page - Broadcom Corporation.

Part # AMGP-6445
Description  40.5 ??43.5 GHz SMT Packaged Linear Power Amplifi er
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOARDCOM [Broadcom Corporation.]
Direct Link  http://www.broadcom.com
Logo BOARDCOM - Broadcom Corporation.

AMGP-6445 Datasheet(HTML) 9 Page - Broadcom Corporation.

  AMGP-6445 Datasheet HTML 1Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 2Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 3Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 4Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 5Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 6Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 7Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 8Page - Broadcom Corporation. AMGP-6445 Datasheet HTML 9Page - Broadcom Corporation.  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-3210EN - May 10, 2012
Package Dimension, PCB Layout and Tape and Reel
information
Please refer to Avago Technologies Application Note 5521,
AMxP-xxxx production Assembly Process (Land Pattern B).
Part Number Ordering Information
Part Number
Devices per
Container
Container
AMGP-6445-BLKG
10
antistatic bag
AMGP-6445-TR1G
100
7” Reel
AMGP-6445-TR2G
500
7” Reel



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com