Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8055 Datasheet(PDF) 13 Page - Analog Devices

Part # LTM8055
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8055 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTM8055 Datasheet HTML 9Page - Analog Devices LTM8055 Datasheet HTML 10Page - Analog Devices LTM8055 Datasheet HTML 11Page - Analog Devices LTM8055 Datasheet HTML 12Page - Analog Devices LTM8055 Datasheet HTML 13Page - Analog Devices LTM8055 Datasheet HTML 14Page - Analog Devices LTM8055 Datasheet HTML 15Page - Analog Devices LTM8055 Datasheet HTML 16Page - Analog Devices LTM8055 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTM8083
13
Rev. 0
For more information www.analog.com
APPLICATIONS INFORMATION
Programming Current Limit Threshold
The ISP-ISN current is programmed by placing a cur-
rent sensing resistor, RCS, in series with the output. The
voltage drop across RCS is (Kelvin) sensed by the ISP and
ISN pins. The voltage on CTRL pin determines current
limit threshold voltage of ISP-ISN. The default setting
of the current limit threshold is full-scale 100mV. The
CTRL pin is pulled up to 2V reference voltage with a 100k
resistor internally. A resistor can be added between CTRL
and GND to form a voltage divider or an external voltage
below 1.3V can be applied to the CTRL pin to reduce the
current limit threshold of ISP-ISN across the output sense
resistor. When the CTRL pin voltage, VCTRL, is less than
1.15V, the current limit threshold is:
ICL=
VCTRL –250mV
10 • RCS
When VCTRL is between 1.15V and 1.35V, the current limit
threshold varies with VCTRL, but departs from the equa-
tion above by an increasing amount as VCTRL increases.
Ultimately, when VCTRL > 1.35V the output current thresh-
old is 100mV and no longer varies. The typical V(ISP-ISN)
threshold vs VCTRL is listed in Table 2.
Table 2. V(ISP-ISN) Threshold vs VCTRL
VCTRL (V)
V(ISP-ISN) (mV)
1.15
90
1.20
94.5
1.25
98
1.30
99.5
1.35
100
When VCTRL is higher than 1.35V, the output current limit
threshold is:
ICL=
100mV
RCS
The CTRL pin can also be used in conjunction with a
thermistor to provide overtemperature protection for the
output load, or with a resistor divider to VIN to reduce
output power and switching current when VIN is low.
The presence of a time varying differential voltage ripple
signal across ISP and ISN at the switching frequency is
expected. The amplitude of this signal is increased by
higher load current, lower switching frequency, or smaller
value output filter capacitor. Some level of ripple signal
is acceptable, and the compensation capacitor on the VC
pin filters the signal so the average difference between
ISP and ISN is regulated to the user-programmed value.
The ripple voltage amplitude (peak-to-peak) in excess
of 20mV should not cause misoperation, but may lead
to noticeable offset between the average value and the
user-programmed value.
Monitoring Sensed Current
The ISMON pin provides a linear indication of the cur-
rent flowing through the sensing resistor on the output.
It outputs a buffered and amplified monitor of the voltage
difference between ISP and ISN pins. The equation for
VISMON is:
VISMON =10 • V(ISP-ISN) + 250mV
Soft-Start
The SS pin can be used to program soft-start by connect-
ing an external capacitor CSS from the SS pin to ground.
A 10nF capacitor has been integrated inside the module.
The internal 32µA pull-up current charges up the capaci-
tor, creating a voltage ramp on the SS pin. As the SS pin
voltage rises linearly from 0.25V to 1V (and beyond), the
output voltage rises smoothly and transitions into output
voltage regulation. The soft-start range is defined to be
the voltage range from 0V to the FB voltage, which is
1V when output is regulated. The soft-start time can be
approximately calculated as:
tSS = 1V •
CSS + 10nF
32µA
Make sure the CSS is at least five to ten times larger than
the optional compensation capacitor on the VC pin.
Loop Compensation
The LTM8083 has already been internally compensated
and should be stable for all output voltages and capac-
itor combinations including all ceramic capacitor appli-
cations. If more switching noise attenuation is required,
an optional capacitor can be added on VC pin to ground
outside of the module. Furthermore, to further increase



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com