Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM8055 Datasheet(PDF) 21 Page - Analog Devices

Part # LTM8055
Description  36V, 1.5A Buck-Boost 關Module Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTM8055 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTM8055 Datasheet HTML 16Page - Analog Devices LTM8055 Datasheet HTML 17Page - Analog Devices LTM8055 Datasheet HTML 18Page - Analog Devices LTM8055 Datasheet HTML 19Page - Analog Devices LTM8055 Datasheet HTML 20Page - Analog Devices LTM8055 Datasheet HTML 21Page - Analog Devices LTM8055 Datasheet HTML 22Page - Analog Devices LTM8055 Datasheet HTML 23Page - Analog Devices LTM8055 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTM8083
21
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Figure 24. 7.5W (5V, 1.5A) 1MHz Buck-Boost Voltage Regulator with Output Current Monitor
Figure 25. 18W (12V, 1.5A) 1MHz Buck-Boost Voltage Regulator Compliant with CISPR25 Class 5 Limits
R5
80k
10µF
VOUT
5V
20k
40.2k
110k
VIN
SVIN
TST1
CTRL
INTVCC
SS
ISMON
VC
OVLO
RT
EN/UVLO
TST2
GND
VIN
3V TO 36V
8083 TA03
LTM8083
FB
VOUT
ISN
ISP
1µF
10µF
SYNC
200k
270k
50m
10
10
10µF
VOUT
12V
10k
110k
300 AT 100MHz
0805 FERRITE BEAD
40.2k
VIN
SVIN
TST1
CTRL
INTVCC
SS
ISMON
VC
OVLO
RT
EN/UVLO
TST2
GND
VIN
3V TO 36V
8083 TA04
LTM8083
FB
VOUT
ISN
ISP
10µF
10µF
0.1µF
0.1µF
SYNC
200k
270k
1000 AT 100MHz
0805 FERRITE BEAD
×2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com