Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VD6640 Datasheet(PDF) 66 Page - STMicroelectronics

Part # VD6640
Description  Automotive 1.3 megapixel high-dynamic range image sensor
PDF  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VD6640 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button VD6640 Datasheet HTML 62Page - STMicroelectronics VD6640 Datasheet HTML 63Page - STMicroelectronics VD6640 Datasheet HTML 64Page - STMicroelectronics VD6640 Datasheet HTML 65Page - STMicroelectronics VD6640 Datasheet HTML 66Page - STMicroelectronics VD6640 Datasheet HTML 67Page - STMicroelectronics VD6640 Datasheet HTML 68Page - STMicroelectronics VD6640 Datasheet HTML 69Page - STMicroelectronics VD6640 Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 126 page
background image
Video data interface
VG6640, VD6640
66/126
DocID023597 Rev 11
5
Video data interface
The video data stream is output from the image sensor through either the camera serial
interface (CSI-2) or the parallel ITU interface. Both interfaces can transmit video data and
other auxiliary information.
5.1
MIPI CSI-2 serial data link
Image data may be transferred to the companion device through a dual-lane MIPI CSI-2
serial interface. The CSI-2 interface is capable of transmitting at up to 528 Mbit/s per lane.
Full resolution images (in 22:12-bit compressed format) may be transferred at up to 45 fps
and 720p resolution images at up to 60 fps.
The CSI-2 interface is low EMI and more suitable for use over longer transmission distances
when compared with the parallel interface. The CSI-2 interface is suitable for use in
potentially noisy environments.
For full details of the MIPI CSI-2 interface, refer to the MIPI Alliance Standard for Camera
Serial Interface (CSI-2) - Version 1.00.
5.1.1
Features
The image sensor is MIPI CSI-2 D-PHY v1.1 compliant.
The CSI-2 clock and data lane transmitters support:
•
unidirectional master
•
HS-TX, high speed transmit
•
LP-TX, low power transmit
•
CIL-MUYN function (data transmitter only)
•
CIL-MCNN function (clock transmitter only)
Physical layer
The physical layer (D-PHY) of the CSI-2 interface is based on LVDS signalling, resulting in
reduced EMI and excellent EMC, suitable for use in potentially noisy environments. Data
and clock signals are transmitted over balanced 100
Ω differential-impedance transmission
lines.
The CSI-2 MIPI D-PHY physical layer comprises of:
•
one clock lane and two data lanes
•
unidirectional clock lane supporting ultra low power mode (ULPM)
•
unidirectional data lane supporting ULPM (using forward escape mode)
•
power on/off and reset sequences are defined as transitions to/from ULPM
The CSI-2 interface may be configured as single or dual lane. The data lanes may be
swapped if required. Similarly, the sense of a data lane may be switched. The slew rate of
the clock and data lanes is configurable. The CSI-2 interface will remain in a high
impedance state if the parallel interface has been selected as the output interface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com