Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GL302 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC24FJ128GL302
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL302 Datasheet(HTML) 2 Page - Microchip Technology

  PIC24FJ128GL302 Datasheet HTML 1Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 2Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 3Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 4Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 5Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 6Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 7Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 8Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 424 page
background image
PIC24FJ128GL306 FAMILY
DS30010198B-page 2
 2019-2020 Microchip Technology Inc.
Peripheral Features
• Independent, Low-Power 32 kHz Timer Oscillator
• Six-Channel DMA Controller:
- Minimizes CPU overhead and increases data
throughput
• Timer1: 16-Bit Timer/Counter with External Crystal
Oscillator; Timer1 can Provide an A/D Trigger
• Timer2,3,4,5: 16-Bit Timer/Counter can Create
32-Bit Timer; Timer3 and Timer5 can Provide an
A/D Trigger
• Five MCCP modules, Each with a Dedicated
16/32-Bit Timer:
- One 6-output MCCP module
- Four 2-output MCCP modules
• Two Variable Width, Serial Peripheral Interface (SPI)
Ports on All Devices; Three Operation modes:
- 3-wire SPI (supports all four SPI modes)
- Up to 32-byte deep FIFO buffer
-I2S mode
- Speed up to 25 MHz
•Two I2C Master and Slave w/Address Masking,
PMBus™ and IPMI Support
• Four UART modules:
- LIN/J2602 bus support (auto-wake-up,
Auto-Baud Detect, Break character support)
- RS-232 and RS-485 support
-IrDA® mode (hardware encoder/decoder
functions)
• Five External Interrupt Pins
• Hardware Real-Time Clock and Calendar (RTCC)
• Peripheral Pin Select (PPS) allows Independent
I/O Mapping of Many Peripherals
• Configurable Interrupt-on-Change on All I/O Pins:
- Each pin is independently configurable for
rising edge or falling edge change detection
• Reference Clock Output with Programmable
Divider
• Four Configurable Logic Cell (CLC) Blocks:
- Two inputs and one output, all mappable to
peripherals or I/O pins
- AND/OR/XOR logic and D/JK flip-flop
functions
Qualification
• AEC-Q100 REVG (Grade 1: -40°C to +125°C)
Compliant
TABLE 1:
PIC24FJ128GL306 FAMILY DEVICES
Device
Memory
Peripherals
PIC24FJ128GL306
128K
8K
64
54 32/33
6
17
3
Yes
1/4
5
2
2
4
4
Yes
Yes
256
PIC24FJ128GL305
128K
8K
48
39 24/25
6
12
3
Yes
1/4
5
2
2
4
4
Yes
Yes
152
PIC24FJ128GL303
128K
8K
36
29 15/16
6
11
3
Yes
1/4
5
2
2
4
4
Yes
Yes
80
PIC24FJ128GL302
128K
8K
28
21 13/14
6
9
3
Yes
1/4
5
2
2
4
4
Yes
Yes
42
PIC24FJ64GL306
64K
8K
64
54 32/33
6
17
3
Yes
1/4
5
2
2
4
4
Yes
Yes
256
PIC24FJ64GL305
64K
8K
48
39 24/25
6
12
3
Yes
1/4
5
2
2
4
4
Yes
Yes
152
PIC24FJ64GL303
64K
8K
36
29 15/16
6
11
3
Yes
1/4
5
2
2
4
4
Yes
Yes
80
PIC24FJ64GL302
64K
8K
28
21 13/14
6
9
3
Yes
1/4
5
2
2
4
4
Yes
Yes
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com