Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC24FJ128GL302 Datasheet(PDF) 33 Page - Microchip Technology

Part # PIC24FJ128GL302
Description  16-Bit eXtreme Low-Power Microcontrollers with LCD Controller in Low Pin Count Packages
PDF  424 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24FJ128GL302 Datasheet(HTML) 33 Page - Microchip Technology

Back Button PIC24FJ128GL302 Datasheet HTML 29Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 30Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 31Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 32Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 33Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 34Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 35Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 36Page - Microchip Technology PIC24FJ128GL302 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 424 page
background image
 2019-2020 Microchip Technology Inc.
DS30010198B-page 33
PIC24FJ128GL306 FAMILY
4.0
MEMORY ORGANIZATION
As Harvard architecture devices, PIC24F micro-
controllers feature separate program and data memory
spaces and buses. This architecture also allows direct
access of program memory from the Data Space (DS)
during code execution.
4.1
Program Memory Space
The program address memory space of the
PIC24FJ128GL306 family devices is 4M instructions.
The space is addressable by a 24-bit value derived
from either the 23-bit Program Counter (PC) during pro-
gram execution, or from table operation or Data Space
remapping, as described in Section 4.3 “Interfacing
Program and Data Memory Spaces”.
User access to the program memory space is restricted
to the lower half of the address range (000000h to
7FFFFFh). The exception is the use of TBLRD/TBLWT
operations, which use TBLPAG[7] to permit access to
the Configuration bits and customer OTP sections of
the configuration memory space.
The memory map for the PIC24FJ128GL306 family of
devices is shown in Figure 4-1.
Note:
This data sheet summarizes the features of
the PIC24FJ128GL306 family of devices. It
is not intended to be a comprehensive ref-
erence source. For more information, refer
to “PIC24F Flash Program Memory”
(www.microchip.com/DS30009715) in the
“dsPIC33/PIC24
Family
Reference
Manual”. The information in this data sheet
supersedes the information in the FRM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com