Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP39F511A Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP39F511A
Description  AC/DC Dual-Mode Power-Monitoring IC with Calculation and Energy Accumulation
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP39F511A Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP39F511A Datasheet HTML 12Page - Microchip Technology MCP39F511A Datasheet HTML 13Page - Microchip Technology MCP39F511A Datasheet HTML 14Page - Microchip Technology MCP39F511A Datasheet HTML 15Page - Microchip Technology MCP39F511A Datasheet HTML 16Page - Microchip Technology MCP39F511A Datasheet HTML 17Page - Microchip Technology MCP39F511A Datasheet HTML 18Page - Microchip Technology MCP39F511A Datasheet HTML 19Page - Microchip Technology MCP39F511A Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 68 page
background image
MCP39F511A
DS20006044A-page 16
 2018 Microchip Technology Inc.
4.2
Checksum
The checksum is generated using simple byte addition
and taking the modules to find the remainder after
dividing the sum of the entire frame by 256. This oper-
ation is done to obtain an 8-bit checksum. All the bytes
of the frame are included in the checksum, including
the header byte and the number of bytes. If a frame
includes multiple command packets, none of the com-
mands will be issued if the frame checksum fails. In this
instance, the MCP39F511A device will respond with a
CSFAIL response of 0x51.
On commands that are requesting data back from the
MCP39F511A device, the frame and checksum are
created in the same way, with the header byte becom-
ing an Acknowledge (0x06). Communication examples
are given in Section 4.5 “Example Communication
Frames and MCP39F511A Responses”
.
4.3
UART Settings
The default baud rate is 9.6 kbps and can be changed
using the UART bits in the System Configuration
Register
. Note that the baud rate is changed at
system power-up, so when changing the baud rate, a
Save
To
Flash
command followed by a power-on
cycle is required. The UART operates in 8-bit mode,
plus one Start bit and one Stop bit, for a total of 10 bits
per byte, as shown in Figure 4-2.
FIGURE 4-2:
UART Transmission, N-8-1.
IDLE
START
IDLE
STOP
D0 D1
D2
D3 D4
D5 D6 D7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com