Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADIS2Z Datasheet(PDF) 4 Page - Analog Devices

Part # EVAL-ADIS2Z
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADIS2Z Datasheet(HTML) 4 Page - Analog Devices

  EVAL-ADIS2Z Datasheet HTML 1Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 2Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 3Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 4Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 5Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 6Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 7Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 8Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 38 page
background image
ADIS16486
Data Sheet
Rev. 0 | Page 4 of 38
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Input Current
Logic 1, High (IIH)
VIH = 3.3 V
10
µA
Logic 0, Low (IIL)
VIL = 0 V
All Pins Except RST
10
µA
RST Pin
0.33
mA
Input Capacitance (CIN)
10
pF
DIGITAL OUTPUTS
Output Voltage
High (VOH)
Source current (ISOURCE) = 0.5 mA
2.4
V
Low (VOL)
Sink current (ISINK) = 2.0 mA
0.4
V
FLASH MEMORY
Endurance6
100,000
Cycles
Data Retention7
TJ = 85°C
20
Years
FUNCTIONAL TIMES8
Time until data is available
Power-On Start-Up Time
600
ms
Backup
1370
1500
ms
Reset Recovery Time9
390
600
ms
Sleep Mode Recovery Time
730
1000
µs
Flash Memory
Update Time10
1.05
6.8
sec
Test Time
50
ms
On Demand Self Test (ODST) Time
Using internal clock (2460 Hz)
12
ms
CONVERSION RATE
2.46
kSPS
Initial Clock Accuracy
0.02
%
Temperature Coefficient
40
ppm/°C
Sync Input Clock
0.711
2.4
kHz
POWER SUPPLY
VDD
Operating voltage range
3.0
3.6
V
Power Supply Current12
Normal mode, µ + 1 σ
186
mA
Sleep mode
12.2
mA
Power-down mode
37
µA
VDDRTC13
Operating voltage range
3.0
3.3
3.6
V
Real-Time Clock (RTC) Supply
Current
Normal mode, VDDRTC = 3.3 V
13
µA
1
The repeatability specifications represent analytical projections based on the following drift contributions and conditions: temperature hysteresis (−40°C to +85°C),
electronics drift (high temperature operating life test: +110°C, 500 hours), drift from temperature cycling (JESD22, Method A104-C, Method N, 500 cycles, −55°C to +85°C), rate
random walk (10-year projection), and broadband noise.
2
Bias repeatability describes a long-term behavior over a variety of conditions. Short-term repeatability relates to the in-run bias stability and noise density specifications.
3
All specifications associated with the accelerometers relate to the full-scale range of ±18 g.
4
X-ray exposure can degrade this performance metric.
5
The digital input and output signals use a 3.3 V system.
6
Endurance is qualified as per JEDEC Standard 22, Method A117, measured at −40°C, +25°C, +85°C, and +125°C.
7
The data retention specification assumes a TJ of 85°C per JEDEC Standard 22, Method A117. Data retention lifetime decreases with TJ.
8
These times do not include thermal settling and internal filter response times, which may affect overall accuracy.
9
The RST line must be in a low state for at least 10 μs to ensure a proper reset initiation and recovery.
10
Monitoring the data ready signal (see Table 143 for the FNCTIO_CTRL register configuration) for the return of regular pulsing can help minimize system wait times.
11
The device functions at clock rates below 0.7 kHz, but at reduced performance levels.
12
Supply current transients can reach 600 mA during initial startup or reset recovery.
13
Connecting the VDDRTC supply is a requirement, even if the application does not use the RTC function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com