Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-ADIS2Z Datasheet(PDF) 12 Page - Analog Devices

Part # EVAL-ADIS2Z
Description  Six Degrees of Freedom Inertial Sensor
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADIS2Z Datasheet(HTML) 12 Page - Analog Devices

Back Button EVAL-ADIS2Z Datasheet HTML 8Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 9Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 10Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 11Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 12Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 13Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 14Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 15Page - Analog Devices EVAL-ADIS2Z Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
ADIS16486
Data Sheet
Rev. 0 | Page 12 of 38
USER REGISTER MEMORY MAP
Table 10. User Register Memory Map (N/A Means Not Applicable)
Name
R/W
Flash Backup
Page ID
Address
Default
Register Description
PAGE_ID
R/W
No
0x00
0x00, 0x01
0x0000
Page identifier
Reserved
N/A
N/A
0x00
0x02, 0x03
N/A
Reserved
DATA_CNT
R
No
0x00
0x04, 0x05
N/A
Data and sample counter
SENS_PWR
R
No
0x00
0x06, 0x07
N/A
Internal power supply monitor
SYS_E_FLAG
R
No
0x00
0x08, 0x09
0x0000
Output, status and error flag indicators
DIAG_STS
R
No
0x00
0x0A, 0x0B
0x0000
Output, self test error flags
ALM_STS
R
No
0x00
0x0C, 0x0D
0x0000
Output, alarm error flags
TEMP_OUT
R
No
0x00
0x0E, 0x0F
N/A
Output, internal temperature
X_GYRO_LOW
R
No
0x00
0x10, 0x11
N/A
Output, x-axis gyroscope, low word
X_GYRO_OUT
R
No
0x00
0x12, 0x13
N/A
Output, x-axis gyroscope, high word
Y_GYRO_LOW
R
No
0x00
0x14, 0x15
N/A
Output, y-axis gyroscope, low word
Y_GYRO_OUT
R
No
0x00
0x16, 0x17
N/A
Output, y-axis gyroscope, high word
Z_GYRO_LOW
R
No
0x00
0x18, 0x19
N/A
Output, z-axis gyroscope, low word
Z_GYRO_OUT
R
No
0x00
0x1A, 0x1B
N/A
Output, z-axis gyroscope, high word
X_ACCL_LOW
R
No
0x00
0x1C, 0x1D
N/A
Output, x-axis accelerometer, low word
X_ACCL_OUT
R
No
0x00
0x1E, 0x1F
N/A
Output, x-axis accelerometer, high word
Y_ACCL_LOW
R
No
0x00
0x20, 0x21
N/A
Output, y-axis accelerometer, low word
Y_ACCL_OUT
R
No
0x00
0x22, 0x23
N/A
Output, y-axis accelerometer, high word
Z_ACCL_LOW
R
No
0x00
0x24, 0x25
N/A
Output, z-axis accelerometer, low word
Z_ACCL_OUT
R
No
0x00
0x26, 0x27
N/A
Output, z-axis accelerometer, high word
Reserved
N/A
N/A
0x00
0x28 to 0x3F
N/A
Reserved
X_DELTANG_LOW
R
No
0x00
0x40, 0x41
N/A
Output, x-axis delta angle, low word
X_DELTANG_OUT
R
No
0x00
0x42, 0x43
N/A
Output, x-axis delta angle, high word
Y_DELTANG_LOW
R
No
0x00
0x44, 0x45
N/A
Output, y-axis delta angle, low word
Y_DELTANG_OUT
R
No
0x00
0x46, 0x47
N/A
Output, y-axis delta angle, high word
Z_DELTANG_LOW
R
No
0x00
0x48, 0x49
N/A
Output, z-axis delta angle, low word
Z_DELTANG_OUT
R
No
0x00
0x4A, 0x4B
N/A
Output, z-axis delta angle, high word
X_DELTVEL_LOW
R
No
0x00
0x4C, 0x4D
N/A
Output, x-axis delta velocity, low word
X_DELTVEL_OUT
R
No
0x00
0x4E, 0x4F
N/A
Output, x-axis delta velocity, high word
Y_DELTVEL_LOW
R
No
0x00
0x50, 0x51
N/A
Output, y-axis delta velocity, low word
Y_DELTVEL_OUT
R
No
0x00
0x52, 0x53
N/A
Output, y-axis delta velocity, high word
Z_DELTVEL_LOW
R
No
0x00
0x54, 0x55
N/A
Output, z-axis delta velocity, low word
Z_DELTVEL_OUT
R
No
0x00
0x56, 0x57
N/A
Output, z-axis delta velocity, high word
Reserved
N/A
N/A
0x00
0x58 to 0x77
N/A
Reserved
TIME_MS_OUT
R/W
No
0x00
0x78, 0x79
N/A
RTC: minutes and seconds
TIME_DH_OUT
R/W
No
0x00
0x7A, 0x7B
N/A
RTC: day and hour
TIME_YM_OUT
R/W
No
0x00
0x7C, 0x7D
N/A
RTC: year and month
PROD_ID
R
Yes
0x00
0x7E, 0x7F
0x4066
Output, product identification (16,486)
Reserved
N/A
N/A
0x01
0x00 to 0x7F
N/A
Reserved
PAGE_ID
R/W
No
0x02
0x00, 0x01
0x0000
Page identifier
Reserved
N/A
N/A
0x02
0x02, 0x03
N/A
Reserved
X_GYRO_SCALE
R/W
Yes
0x02
0x04, 0x05
0x0000
Calibration, gyroscope scale, x-axis
Y_GYRO_SCALE
R/W
Yes
0x02
0x06, 0x07
0x0000
Calibration, gyroscope scale, y-axis
Z_GYRO_SCALE
R/W
Yes
0x02
0x08, 0x09
0x0000
Calibration, gyroscope scale, z-axis
X_ACCL_SCALE
R/W
Yes
0x02
0x0A, 0x0B
0x0000
Calibration, accelerometer scale, x-axis
Y_ACCL_SCALE
R/W
Yes
0x02
0x0C, 0x0D
0x0000
Calibration, accelerometer scale, y-axis
Z_ACCL_SCALE
R/W
Yes
0x02
0x0E, 0x0F
0x0000
Calibration, accelerometer scale, z-axis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com