Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD-FMCADC20-EBZ Datasheet(PDF) 1 Page - Analog Devices

Part # AD-FMCADC20-EBZ
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-FMCADC20-EBZ Datasheet(HTML) 1 Page - Analog Devices

  AD-FMCADC20-EBZ Datasheet HTML 1Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 2Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 3Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 4Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 5Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 6Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 7Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 8Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
Fully Differential, 10 GHz ADC Driver
with 10 dB Gain
Data Sheet
ADL5580
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rights of third parties that may result from its use. Specifications subject to change without notice.
No license is granted by implication or otherwise under any patent or patent rights of Analog
Devices.Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2020 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
−3 dB bandwidth: 10.0 GHz
Preset 10 dB gain, can be reduced by adding external
resistors
Differential or single-ended input to differential output
Internally dc-coupled inputs and outputs
Input voltage noise (NSD, RTI): 2.25 nV/√Hz at 100 MHz
Low noise input stage: 11.3 dB noise figure at 1 GHz
Low distortion with +5.0 V and −1.8 V supplies and 1.4 V p-p
output differential with a 50 Ω||1 pF load differential
2 GHz: −59.4 dBc (HD2), −54.3 dBc (HD3), −68.2 dBc (IMD3)
6 GHz: −66 dBc (HD2), −88.1 dBc (HD3), −48.3 dBc (IMD3)
276 mA positive supply current at 5.0 V typical
−224 mA negative supply current at −1.8 V typical
Power disable
APPLICATIONS
Instrumentation and defense applications
FUNCTIONAL BLOCK DIAGRAM
2
4
14
12
AV = 10dB
ZIN = 100Ω DIFFERENTIAL
VINP
VINN
5V
–1.8V
VOUTP
ADL5580
VOUTN
ZOUT = 50Ω DIFFERENTIAL
Figure 1.
GENERAL DESCRIPTION
The ADL5580 is a high performance, single-ended or differential
amplifier with 10 dB of voltage gain, optimized for applications
spanning from dc to 10.0 GHz. The amplifier offers a low referred
to input (RTI) noise spectral density (NSD) of 2.24 nV/√Hz (at
1000 MHz) and is optimized for distortion performance over a
wide frequency range, making the device an ideal driver for
high speed 12-bit to 16-bit analog-to-digital converters (ADCs).
The ADL5580 is suited for use in high performance, zero
intermediate frequency (IF), and complex IF receiver designs.
In addition, this device has low distortion for single-ended
input driver applications.
By using two external series resistors, the gain selection from
10 dB for a differential input can be modified to a lower gain.
The device maintains low distortion through its output
common-mode voltage (VCM) of 0.5 V, providing a flexible
capability for driving ADCs with full-scale levels up to 1.4 V p-p.
Operating from a +5 V and −1.8 V supply, the positive and
negative supply current of the ADL5580 is typically +276 mA
and −224 mA, respectively. The device has a power disable
feature, and when disabled, the amplifier consumes 2 mA.
The ADL5580 is optimized for wideband, low distortion, and
low noise operation at the dc to 10.0 GHz frequency range.
These attributes, together with its adjustable gain capability,
make this device an optimal choice for driving a wide variety of
ADCs, mixers, pin diode attenuators, surface acoustic wave
(SAW) filters, and a multiplicity of discrete RF devices.
Fabricated on an Analog Devices, Inc., high speed silicon
germanium (SiGe) process, the ADL5580 is supplied in a
compact 4 mm × 4 mm, 20-terminal land grid array (LGA)
package and operates over the −40°C to +85°C temperature
range.


Similar Part No. - AD-FMCADC20-EBZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD-FMCDAQ2-EBZ AD-AD-FMCDAQ2-EBZ Datasheet
312Kb / 2P
AD-FMCDAQ2-EBZ User Guide
05-May-2014
AD-FMCOMMS2-EBZ AD-AD-FMCOMMS2-EBZ Datasheet
337Kb / 2P
AD-FMCOMMS2-EBZ
More results

Similar Description - AD-FMCADC20-EBZ

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
INA106 BURR-BROWN-INA106 Datasheet
175Kb / 6P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Texas Instruments
INA106U TI1-INA106U Datasheet
1Mb / 13P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Maxim Integrated Produc...
MAX44205 MAXIM-MAX44205 Datasheet
1Mb / 29P
Fully Differential Op Amp/SAR ADC Driver
Rev 0; 6/14
logo
Texas Instruments
INA106 TI1-INA106 Datasheet
1Mb / 14P
Precision Gain = 10 DIFFERENTIAL AMPLIFIER
logo
Analog Devices
AD8476 AD-AD8476_16 Datasheet
572Kb / 25P
Low Power, Unity Gain, Fully Differential Amplifier and ADC Driver
REV. B
logo
Texas Instruments
TRF1208 TI-TRF1208 Datasheet
1Mb / 29P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
OCTOBER 2021
TRF1208 TI-TRF1208_V01 Datasheet
2Mb / 30P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
MARCH 2022
TRF1208 TI-TRF1208_V02 Datasheet
2Mb / 31P
TRF1208 10 MHz to 11 GHz 3-dB BW, ADC Driver Amplifier
REVISED APRIL 2022
ADS9218 TI1-ADS9218 Datasheet
2Mb / 57P
ADS921x Dual, Simultaneous Sampling, 18-Bit, 10-MSPS SAR ADC With Fully Differential ADC Input Driver
JANUARY 2023
TRF1208 TI1-TRF1208_V03 Datasheet
2Mb / 41P
TRF1208 10-MHz to 11-GHz, 3-dB-BW ADC Driver Amplifier
REVISED AUGUST 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com