Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD-FMCADC20-EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # AD-FMCADC20-EBZ
Description  Fully Differential, 10 GHz ADC Driver with 10 dB Gain
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD-FMCADC20-EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button AD-FMCADC20-EBZ Datasheet HTML 6Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 7Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 8Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 9Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 10Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 11Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 12Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 13Page - Analog Devices AD-FMCADC20-EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
ADL5580
Data Sheet
Rev. 0 | Page 10 of 22
TYPICAL PERFORMANCE CHARACTERISTICS
VS = 5.0 V, negative VS = −1.8 V, input VCM = 1.7 V, output VCM = 0.5 V, RS = 100 Ω differential, RL = 50 Ω differential VOUT = 1.4 V p-p
composite, CPEAK = 3, TA = 25°C, and signal spacing = 2 MHz for two-tone measurements, unless otherwise noted.
25
20
15
10
5
0
10
100
1000
10000
FREQUENCY (MHz)
Figure 6. Gain vs. Frequency for CPEAK = 0 Through CPEAK = 7,
Supply = Nominal, Temperature = 25°C
20
18
16
14
12
10
8
6
4
2
0
10
100
1000
10000
FREQUENCY (MHz)
PAVCC = 4.75V, MAVEE = –1.71V
PAVCC = 5.25V, MAVEE = –1.89V
PAVCC = 5V, MAVEE = –1.8V
Figure 7. Gain vs. Frequency over Supply, CPEAK = 3, Temperature = 25°C
25
20
15
10
5
0
10
100
1000
10000
FREQUENCY (MHz)
TA = –40°C
TA = +25°C
TA = +85°C
Figure 8. Gain vs. Frequency over Temperature, CPEAK = 3, Supply = Nominal
20
18
16
14
12
10
8
6
4
2
0
10
100
1000
10000
FREQUENCY (MHz)
VINP TERMINATED
VINN TERMINATED
Figure 9. Single-Ended Gain vs. Frequency, Temperature = 25°C, CPEAK = 3,
Supply = Nominal
25
20
15
10
25
0
–5
–10
10
100
1000
10000
FREQUENCY (MHz)
CPEAK = 7
CPEAK = 3
CPEAK = 0
TA = –40°C
TA = +25°C
TA = +85°C
Figure 10. Output P1dB vs. Frequency over Temperature, Supply = Nominal,
CPEAK = 0, CPEAK = 3, and CPEAK = 7
25
20
15
10
5
0
–5
–10
10
100
1000
10000
FREQUENCY (MHz)
PAVCC = 4.75V, MAVEE = –1.71V
PAVCC = 5.25V, MAVEE = –1.89V
PAVCC = 5V, MAVEE = –1.8V
CPEAK = 7
CPEAK = 3
CPEAK = 0
Figure 11. Output P1dB vs. Frequency over Supply, Temperature = 25°C,
CPEAK = 0, CPEAK = 3, and CPEAK = 7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com