Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRV9010BBCZ Datasheet(PDF) 28 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 28 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 24Page - Analog Devices ADRV9010BBCZ Datasheet HTML 25Page - Analog Devices ADRV9010BBCZ Datasheet HTML 26Page - Analog Devices ADRV9010BBCZ Datasheet HTML 27Page - Analog Devices ADRV9010BBCZ Datasheet HTML 28Page - Analog Devices ADRV9010BBCZ Datasheet HTML 29Page - Analog Devices ADRV9010BBCZ Datasheet HTML 30Page - Analog Devices ADRV9010BBCZ Datasheet HTML 31Page - Analog Devices ADRV9010BBCZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 28 of 115
45
–10
0
20
–5
10
30
40
15
5
25
35
0
8
16
24
32
412
20
28
TRANSMITTER ATTENUATION (dB)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 15. Transmitter OIP3, 2f2 − f1 vs. Transmitter Attenuation,
15 dB Digital Backoff per Tone, f1 = 50.5 MHz, f2 = 55.5 MHz
50
45
0
20
10
30
40
15
5
25
35
10
50
90
130
190
30
70
110
150
170
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 16. Transmitter OIP3, 2f1 − f2 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Backoff per Tone
50
45
0
20
10
30
40
15
5
25
35
10
50
90
130
190
30
70
110
150
170
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 17. Transmitter OIP3, 2f2 − f1 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Backoff per Tone
50
45
0
20
10
30
40
15
5
25
35
10
50
90
130
190
30
70
110
150
170
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 18. Transmitter OIP3, 2f1 + f2 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Backoff per Tone
50
45
0
20
10
30
40
15
5
25
35
10
50
90
130
190
30
70
110
150
170
f1 BASEBAND OFFSET TONE FREQUENCY (MHz)
+110°C, Tx1
+110°C, Tx2
+110°C, Tx3
+110°C, Tx4
+25°C, Tx1
+25°C, Tx2
+25°C, Tx3
+25°C, Tx4
–40°C, Tx1
–40°C, Tx2
–40°C, Tx3
–40°C, Tx4
Figure 19. Transmitter OIP3, 2f2 + f1 vs. f1 Baseband Offset Tone Frequency,
f2 = f1 + 5 MHz, 15 dB Digital Backoff per Tone
120
50
70
90
60
80
100
110
800
850
900
950
1000
TRANSMITTER LO FREQUENCY (MHz)
Tx1 TO Tx2
Tx2 TO Tx1
Tx3 TO Tx1
Tx4 TO Tx1
Tx1 TO Tx3
Tx2 TO Tx3
Tx3 TO Tx4
Tx4 TO Tx4
Tx1 TO Tx4
Tx2 TO Tx4
Tx3 TO Tx4
Tx4 TO Tx3
Figure 20. Transmitter to Transmitter Isolation vs. Transmitter LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com