Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ADRV9010BBCZ Datasheet(PDF) 76 Page - Analog Devices

Part # ADRV9010BBCZ
Description  Integrated, Quad RF Transceiver with Observation Path
PDF  115 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRV9010BBCZ Datasheet(HTML) 76 Page - Analog Devices

Back Button ADRV9010BBCZ Datasheet HTML 72Page - Analog Devices ADRV9010BBCZ Datasheet HTML 73Page - Analog Devices ADRV9010BBCZ Datasheet HTML 74Page - Analog Devices ADRV9010BBCZ Datasheet HTML 75Page - Analog Devices ADRV9010BBCZ Datasheet HTML 76Page - Analog Devices ADRV9010BBCZ Datasheet HTML 77Page - Analog Devices ADRV9010BBCZ Datasheet HTML 78Page - Analog Devices ADRV9010BBCZ Datasheet HTML 79Page - Analog Devices ADRV9010BBCZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 115 page
background image
ADRV9010
Data Sheet
Rev. E | Page 76 of 115
35
10
15
25
20
30
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
10
30
60
90
20
40
80
50
70
TWO-TONE FREQUENCY SPACING (MHz)
Figure 294. Receiver IIP3, 2f2 − f1 vs. Two-Tone Frequency Spacing,
Both Tones at −11 dBFS, 0 dB Attenuation, f2 = 2 MHz
–20
–25
–50
–45
–35
–40
–30
+110°C, Rx1
+110°C, Rx2
+110°C, Rx3
+110°C, Rx4
+25°C, Rx1
+25°C, Rx2
+25°C, Rx3
+25°C, Rx4
–40°C, Rx1
–40°C, Rx2
–40°C, Rx3
–40°C, Rx4
–60
–45
–15
5
–55
–35
0
–25
–40
–10
–50
–30
–20
–5
RECEIVER INPUT POWER (dBm)
Figure 295. Receiver Error Vector Magnitude vs. Receiver Input Power,
20 MHz LTE Signal Centered at LO Frequency, Sample Rate = 245.76 MSPS,
Loop Filter Bandwidth = 600 kHz, Loop Filter Phase Margin = 75°
100
1k
10k
100k
1M
10M
–150
–140
–130
–120
–110
–100
–90
–80
FREQUENCY OFFSET (Hz)
Figure 296. LO Phase Noise vs. Frequency Offset, Loop Bandwidth =
75 kHz, Phase Margin = 85°
100
1k
10k
100k
1M
10M
–150
–140
–130
–120
–110
–100
–90
–80
FREQUENCY OFFSET (Hz)
Figure 297. LO Phase Noise vs. Frequency Offset, Loop Bandwidth =
600 kHz, Phase Margin = 60°
50
45
0
5
25
15
35
40
20
10
30
010
20
515
OBSERVATION RECEIVER ATTENUATION (dB)
+110°C, ORx1
+110°C, ORx2
+110°C, ORx3
+110°C, ORx4
+25°C, ORx1
+25°C, ORx2
+25°C, ORx3
+25°C, ORx4
–40°C, ORx1
–40°C, ORx2
–40°C, ORx3
–40°C, ORx4
Figure 298. Observation Receiver Integrated Noise Figure vs. Observation
Receiver Attenuation, 20 MHz Offset, 450 MHz Bandwidth, Sample Rate =
491.52 MSPS, Integration Bandwidth = 500 kHz to 100 MHz
35
0
5
25
15
20
10
30
–250
–50
250
–150
150
50
BASEBAND OFFSET FREQUENCY (MHz)
+110°C
+25°C
–40°C
Figure 299. Observation Receiver Integrated Noise Figure vs. Baseband
Offset Frequency, 450 MHz Bandwidth, Sample Rate = 491.52 MSPS,
Integrated in 200 kHz Steps



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com