Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM28072DMV53XOSX Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # EM28072DMV53XOSX
Description  Multi-channel power analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM28072DMV53XOSX Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  EM28072DMV53XOSX Datasheet HTML 1Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 2Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Carlo Gavazzi Controls S.p.A.
EM280
EM280 DS ENG
01/02/2018
Features
General
Material
Noryl, self-extinguishing V-0 (UL 94)
Protection degree
Front: IP40, Terminals: IP20
Terminals
Type: detachable
Maximum section: 1.5 mm2, Torque: 0.2/0.25 Nm
Overvoltage category
Cat. III
Pollution degree
2
Noise rejection (CMRR)
100 dB, from 48 to 62 Hz
Insulation
See "Input and output insulation"
Mounting
DIN rail
Panel 72 x 72, Panel 96 x 96 (with optional adapter)
Weight
400 g (packaging included)
Fig. 1 DIN rail
Fig. 2 Panel 72 x 72
Environmental specifications
Operating temperature
From -25 to +55 °C/from -13 to +131 °F
Storage temperature
From -30 to +70 °C/from -22 to +158 °F
NOTE: R.H. < 90 % non-condensing @ 40 °C / 104 °F.
Input and output insulation
Type
Voltage input and self
power supply
Current input (TCD06B
output)
Pulse out-
puts
RS485 port
Voltage input and self
power supply
-
Reinforced *
Double **
Double **
Current input (TCD06B
output)
Reinforced *
-
Double **
Double **
Pulse outputs
Double **
Double **
-
-
RS485 port
Double **
Double **
-
-
*By limiting impedance
**2.5 kV ac 1 min (4 kV pk 1.2/50 µs)+ limiting impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com