Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EM28072DMV53XOSX Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # EM28072DMV53XOSX
Description  Multi-channel power analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

EM28072DMV53XOSX Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button EM28072DMV53XOSX Datasheet HTML 3Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 4Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 5Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 6Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 7Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 8Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 9Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 10Page - Carlo Gavazzi Holding AG EM28072DMV53XOSX Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Carlo Gavazzi Controls S.p.A.
EM280
EM280 DS ENG
01/02/2018
Measurement accuracy
EM280
Current
From 0.05 In to Imax
±(0.5% rdg)
From 0.02 In to 0.05 In
±(1.0% rdg)
Phase-phase voltage
From (Un min -10%) to (Un
max +10%)
±(0.5% rdg)
Phase-neutral voltage
From (Un min -10%) to (Un
max +10%)
±(1% rdg)
Active power (PF=1)
From 0.05 In to Imax
±(1% rdg)
From 0.02 In to 0.05 In
±(1.5% rdg)
Active power (PF=0.5L, 0.8C)
From 0.1 In to Imax
±(1% rdg)
From 0.05 In to 0.1 In
±(1.5% rdg)
Reactive power (sinϕ=1)
From 0.05 In to Imax
±(2% rdg)
From 0.02 In to 0.05 In
±(2.5% rdg)
Reactive power (sinϕ=0.5 L or C)
From 0.1 In to Imax
±(2% rdg)
From 0.05 In to 0.1 In
±(2.5% rdg)
Reactive power (sinϕ=0.25 L o C)
From 0.1 In to Imax
±(2.5% rdg)
Active energy
Equivalent to class 1 (EN62053-21)
Reactive energy
Equivalent to class 2 (EN62053-23)
Frequency
From 45 to 65 Hz
±1 Hz
EM280+TCD06BX or EM280+TCD06BS
Current
From 0.2 In to Imax
±(0.75% rdg)
From 0.05 to 0.2 In
±(1% rdg)
From 0.02 In to 0.05 In
±(1.25% rdg)
Active power (PF=1)
From 0.2 In to Imax
±(1.25% rdg)
From 0.05 to 0.2 In
±(1.5% rdg)
From 0.02 In to 0.05 In
±(2% rdg)
Reactive power (sinϕ=1)
From 0.2 In to Imax
±(2.25% rdg)
From 0.05 to 0.2 In
±(2.5% rdg)
From 0.02 In to 0.05 In
±(3% rdg)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com