Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST16C32245LBR Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST16C32245LBR
Description  14 BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR, A SIDE SERIES RESISTOR, 2 BIT I2C LINES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16C32245LBR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST16C32245LBR Datasheet HTML 4Page - STMicroelectronics ST16C32245LBR Datasheet HTML 5Page - STMicroelectronics ST16C32245LBR Datasheet HTML 6Page - STMicroelectronics ST16C32245LBR Datasheet HTML 7Page - STMicroelectronics ST16C32245LBR Datasheet HTML 8Page - STMicroelectronics ST16C32245LBR Datasheet HTML 9Page - STMicroelectronics ST16C32245LBR Datasheet HTML 10Page - STMicroelectronics ST16C32245LBR Datasheet HTML 11Page - STMicroelectronics ST16C32245LBR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
ST16C32245
8/20
Table 9: DC Specification I2C Lines
(*) VCC range = 1.8±0.15V
Table 10: Dynamic Switching Characteristics
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
(*)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIH2
High Level Input Voltage
(I/OVB1, I/OVB2)
1.8
2.65 to 3.6
0.7xVCCB
VCCB 0.7xVCCB VCCB
V
1.8
2.65 to 3.6
0.7xVCCB
VCCB 0.7xVCCB VCCB
High Level Input Voltage
(I/OVA1, I/OVA2)
1.8
2.65 to 3.6
0.7xVCCA
VCCA 0.7xVCCA VCCA
1.8
2.65 to 3.6
0.7xVCCA
VCCA 0.7xVCCA VCCA
VIL2
Low Level Input Voltage
(I/OVB1, I/OVB2)
1.8
2.65 to 3.6
0
0.25
0
0.25
V
1.8
2.65 to 3.6
0
0.25
0
0.25
Low Level Input Voltage
(I/OVA1, I/OVA2)
1.8
2.65 to 3.6
0
0.25
0
0.25
1.8
2.65 to 3.6
0
0.25
0
0.25
VOH2
High Level Output
Voltage (I/OVB1, I/OVB2)
1.65
2.3
IOH = -20 µA;
VI/OVA=VCCA
VCCB-0.4
VCCB-0.4
V
High Level Output
Voltage (I/OVA1, I/OVA2)
1.65
2.3
IOH = -20 µA;
VI/OVB=VCCB
VCCA-0.4
VCCA-0.4
VOL2
Low Level Output
Voltage (I/OVB1, I/OVB2),
(I/OVA1, I/OVA2)
1.65
2.3
IOL = 1 mA;
VI/OVB or
VI/OVA=GND
0.35
0.35
V
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VOLPA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
0.25
V
1.8
3.3
0.35
2.5
3.3
0.35
VOLPB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
0.25
V
1.8
3.3
0.25
2.5
3.3
0.6
VOLVA
Dynamic Low Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
-0.25
V
1.8
3.3
-0.35
2.5
3.3
-0.35
VOLVB
Dynamic Low Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
-0.25
V
1.8
3.3
-0.25
2.5
3.3
-0.6
VOHVA
Dynamic High Level
Quiet An Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
2.1
V
1.8
3.3
2.6
2.5
3.3
2.6
VOHVB
Dynamic High Level
Quiet Bn Output
1.8
2.5
CL =30pF
VIL =0V VIH =VCC
1.7
V
1.8
3.3
1.7
2.5
3.3
2.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com