Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ST16C32245LBR Datasheet(PDF) 10 Page - STMicroelectronics

Part # ST16C32245LBR
Description  14 BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR, A SIDE SERIES RESISTOR, 2 BIT I2C LINES
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST16C32245LBR Datasheet(HTML) 10 Page - STMicroelectronics

Back Button ST16C32245LBR Datasheet HTML 6Page - STMicroelectronics ST16C32245LBR Datasheet HTML 7Page - STMicroelectronics ST16C32245LBR Datasheet HTML 8Page - STMicroelectronics ST16C32245LBR Datasheet HTML 9Page - STMicroelectronics ST16C32245LBR Datasheet HTML 10Page - STMicroelectronics ST16C32245LBR Datasheet HTML 11Page - STMicroelectronics ST16C32245LBR Datasheet HTML 12Page - STMicroelectronics ST16C32245LBR Datasheet HTML 13Page - STMicroelectronics ST16C32245LBR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ST16C32245
10/20
Table 12: AC I2C Electrical Characteristics
(*) VCC range = 3.3±0.3; 2.5±0.2V and 2.8±0.1V; 1.8±0.15V
Table 13: Capacitance Characteristics
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average current can be obtained by the following equation. ICC(opr) = CPD x VCC x fIN + ICC/14 (per circuit)
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)(*)
VCCA
(V)(*)
-40 to 85 °C
Min.
Max.
trI/O
Rise Time I2C Input/Output
Voltage (20% to 80%) (See fig. 3)
1.8
± 0.15 2.5 ± 0.2
CL = 15 pF
trI/O = 15ns
250
ns
1.8
± 0.15 3.3 ± 0.3
2.5
± 0.2 3.3 ± 0.3
tfI/O
Fall Time I2C Input/Output Voltage
(80% to 20%) (See fig. 3)
1.8
± 0.15 2.5 ± 0.2
CL = 15 pF
trI/O = 15ns
250
ns
1.8
± 0.15 3.3 ± 0.3
2.5
± 0.2 3.3 ± 0.3
tPLH
Propagation Delay Time I2C I/O
Voltage (20% to 80%) (Low to
High) (fig. 3)
1.8
± 0.15 2.5 ± 0.2
CL = 15 pF
trI/O = 15ns
100
ns
1.8
± 0.15 3.3 ± 0.3
2.5
± 0.2 3.3 ± 0.3
tPHL
Propagation Delay Time I2C I/O
Voltage (20% to 80%) High to
Low) (fig. 3)
1.8
± 0.15 2.5 ± 0.2
CL = 15 pF
trI/O = 15ns
100
ns
1.8
± 0.15 3.3 ± 0.3
2.5
± 0.2 3.3 ± 0.3
fI/OVA,
fI/OVB
I2C lines data rate
1.8
± 0.15 2.5 ± 0.2
CL = 15 pF
trI/O = 15ns
400
KHz
1.8
± 0.15 3.3 ± 0.3
2.5
± 0.2 3.3 ± 0.3
Symbol
Parameter
Test Condition
Value
Unit
VCCB
(V)
VCCA
(V)
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
CINB
Input Capacitance
open
open
5
pF
CI/O
Input/Output
Capacitance
2.5
3.3
6
pF
CPD
Power Dissipation
Capacitance
2.5
3.3
f=10MHz
28
pF
1.8
3.3
28
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com