Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90PWM3-16SQ Datasheet(PDF) 47 Page - ATMEL Corporation

Part # AT90PWM3-16SQ
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3-16SQ Datasheet(HTML) 47 Page - ATMEL Corporation

Back Button AT90PWM3-16SQ Datasheet HTML 43Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 44Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 45Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 46Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 47Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 48Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 49Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 50Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 365 page
background image
47
AT90PWM2/3
4317B–AVR–02/05
Figure 20. External Reset During Operation
Brown-out Detection
AT90PWM2/3 has an On-chip Brown-out Detection (BOD) circuit for monitoring the V
CC
level during operation by comparing it to a fixed trigger level. The trigger level for the
BOD can be selected by the BODLEVEL Fuses. The trigger level has a hysteresis to
ensure spike free Brown-out Detection. The hysteresis on the detection level should be
interpreted as V
BOT+ = VBOT + VHYST/2 and VBOT- = VBOT - VHYST/2.
Notes:
1. V
BOT may be below nominal minimum operating voltage for some devices. For
devices where this is the case, the device is tested down to V
CC = VBOT during the
production test. This guarantees that a Brown-Out Reset will occur before VCC drops
to a voltage where correct operation of the microcontroller is no longer guaranteed.
The test is performed using BODLEVEL = 010 for Low Operating Voltage and
BODLEVEL = 101 for High Operating Voltage .
2. Values are guidelines only.
Notes:
1. Values are guidelines only.
CC
Table 15. BODLEVEL Fuse Coding(1)(2)
BODLEVEL 2..0 Fuses
Min VBOT
Typ VBOT
Max VBOT
Units
111
BOD Disabled
110
4.5
V
101
2.7
V
100
4.3
V
011
4.4
V
010
4.2
V
001
2.8
V
000
2.6
V
Table 16. Brown-out Characteristics(1)
Symbol
Parameter
Min.
(TBD)
Typ.
(TBD)
Max.
(TBD)Units
V
HYST
Brown-out Detector Hysteresis
TBD
mV
tBOD
Min Pulse Width on Brown-out Reset
TBD
µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com