Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AT90PWM3-16SQ Datasheet(PDF) 49 Page - ATMEL Corporation

Part # AT90PWM3-16SQ
Description  8-bit Microcontroller with 8K Bytes In-System Programmable Flash
PDF  365 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT90PWM3-16SQ Datasheet(HTML) 49 Page - ATMEL Corporation

Back Button AT90PWM3-16SQ Datasheet HTML 45Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 46Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 47Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 48Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 49Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 50Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 51Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 52Page - ATMEL Corporation AT90PWM3-16SQ Datasheet HTML 53Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 365 page
background image
49
AT90PWM2/3
4317B–AVR–02/05
• Bit 2 – BORF: Brown-out Reset Flag
This bit is set if a Brown-out Reset occurs. The bit is reset by a Power-on Reset, or by
writing a logic zero to the flag.
• Bit 1 – EXTRF: External Reset Flag
This bit is set if an External Reset occurs. The bit is reset by a Power-on Reset, or by
writing a logic zero to the flag.
• Bit 0 – PORF: Power-on Reset Flag
This bit is set if a Power-on Reset occurs. The bit is reset only by writing a logic zero to
the flag.
To make use of the Reset flags to identify a reset condition, the user should read and
then reset the MCUSR as early as possible in the program. If the register is cleared
before another reset occurs, the source of the reset can be found by examining the reset
flags.
Internal Voltage
Reference
AT90PWM2/3 features an internal bandgap reference. This reference is used for Brown-
out Detection. It can also be used as a voltage reference for the DAC and/or the ADC,
and can be used as analog input for the analog comparators. In order to use the internal
Vref, it is necessary to configure it thanks to the REFS1 and REFS0 bits in the ADMUX
register and to set an analog feature which requires it.
Voltage Reference Enable
Signals and Start-up Time
The voltage reference has a start-up time that may influence the way it should be used.
The start-up time is given in Table 17. To save power, the reference is not always turned
on. The reference is on during the following situations:
1.
When the BOD is enabled (by programming the BODLEVEL [2..0] Fuse).
2.
When the bandgap reference is connected to the Analog Comparator (by setting
the ACBG bit in ACSR).
3.
When the ADC is enabled.
4.
When the DAC is enabled.
Thus, when the BOD is not enabled, after setting the ACBG bit or enabling the ADC or
the DAC, the user must always allow the reference to start up before the output from the
Analog Comparator or ADC or DAC is used. To reduce power consumption in Power-
down mode, the user can avoid the three conditions above to ensure that the reference
is turned off before entering Power-down mode.
Voltage Reference
Characteristics
Note:
1. Values are guidelines only.
Table 17. Internal Voltage Reference Characteristics(1)
Symbol
Parameter
Condition
Min.
(TBD)
Typ.
(TBD)
Max.
(TBD)Units
VBG
Bandgap reference voltage
TBD
TBD
TBD
V
tBG
Bandgap reference start-up time
TBD
TBD
µs
IBG
Bandgap reference current
consumption
TBD
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com