Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS08S30F01PC Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # ICS08S30F01PC
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08S30F01PC Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  ICS08S30F01PC Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
M8 standard range, long housing
Con-
nec-
tion
Rated
operating
distance
Sn
Detec-
tion
princi-
ple
Ordering no.
NPN,
Normally open
Ordering no.
PNP,
Normally open
Ordering no.
NPN,
Normally closed
Ordering no.
PNP,
Normally closed
Cable
1 mm
Flush
ICS08L45F01NO
ICS08L45F01PO
ICS08L45F01NC
ICS08L45F01PC
Plug
ICS08L45F01NOM5 ICS08L45F01POM5 ICS08L45F01NCM5 ICS08L45F01PCM5
Cable
2 mm
Non-
flush
ICS08L45N02NO
ICS08L45N02PO
ICS08L45N02NC
ICS08L45N02PC
Plug
ICS08L45N02NOM5 ICS08L45N02POM5 ICS08L45N02NCM5 ICS08L45N02PCM5
M8 extended range, short housing
Con-
nec-
tion
Rated
operating
distance
Sn
Detec-
tion
princi-
ple
Ordering no.
NPN,
Normally open
Ordering no.
PNP,
Normally open
Ordering no.
NPN,
Normally closed
Ordering no.
PNP,
Normally closed
Cable
2 mm
Flush
ICS08S30F02NO
ICS08S30F02PO
ICS08S30F02NC
ICS08S30F02PC
Plug
ICS08S30F02NOM5 ICS08S30F02POM5 ICS08S30F02NCM5 ICS08S30F02PCM5
Cable
4 mm
Non-
flush
ICS08S30N04NO
ICS08S30N04PO
ICS08S30N04NC
ICS08S30N04PC
Plug
ICS08S30N04NOM5 ICS08S30N04POM5 ICS08S30N04NCM5 ICS08S30N04PCM5
M8 extended range, long housing
Con-
nec-
tion
Rated
operating
distance
Sn
Detec-
tion
princi-
ple
Ordering no.
NPN,
Normally open
Ordering no.
PNP,
Normally open
Ordering no.
NPN,
Normally closed
Ordering no.
PNP,
Normally closed
Cable
2 mm
Flush
ICS08L45F02NO
ICS08L45F02PO
ICS08L45F02NC
ICS08L45F02PC
Plug
ICS08L45F02NOM5 ICS08L45F02POM5 ICS08L45F02NCM5 ICS08L45F02PCM5
Cable
4 mm
Non-
flush
ICS08L45N04NO
ICS08L45N04PO
ICS08L45N04NC
ICS08L45N04PC
Plug
ICS08L45N04NOM5 ICS08L45N04POM5 ICS08L45N04NCM5 ICS08L45N04PCM5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com