Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS08S30F01PC Datasheet(PDF) 7 Page - Carlo Gavazzi Holding AG

Part # ICS08S30F01PC
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08S30F01PC Datasheet(HTML) 7 Page - Carlo Gavazzi Holding AG

Back Button ICS08S30F01PC Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 9Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 10Page - Carlo Gavazzi Holding AG ICS08S30F01PC Datasheet HTML 11Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Response times
Operating frequency (f)
≤ 2 KHz
Indication
Standard IO mode:
Yellow LED
Output
Description
OFF
OFF
N.O. output, target not present
N.C. output, target present
ON
ON
N.O. output, target present
N.C. output, target not present
Blinking
f: 2Hz
Short-circuit or overload
Environmental
Ambient temperature
Operating: -25° to +80°C (-13° to +176°F)
Storage: -30° to +80°C (-22° to +176°F)
Ambient humidity
Operating: 35% to 95%
Storage: 35% to 95%
Vibration
10 to 55 Hz, amplitude 1.0 mm; sweep cycle 5
min; in X, Y and Z direction
IEC 60068-2-6
Shock
30 G /11 ms. 10 shocks in X, Y and Z direction
IEC 60068-2-27
Degree of protection
IP67
IEC 60529; EN 60947-1
Compatibility and conformity
EMC protection
IEC 60947-5-2
IEC 61000-4-2 Electrostatic discharge 8 kV air discharge
4 kV contact discharge
IEC 61000-4-3 Radiated radiofre-
quency
3 V/m
IEC 61000-4-4 Burst immunity
2 kV
IEC 61000-4-6 Conducted radio fre-
quency
3 V
IEC 61000-4-8 Power frequency mag-
netic fields
30 A/m
MTTF
d
2914 years @ 50°C (122°F)
Approvals
CCC is not required for products rated ≤ 36 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com