Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS08S30F01PCM5 Datasheet(PDF) 10 Page - Carlo Gavazzi Holding AG

Part # ICS08S30F01PCM5
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08S30F01PCM5 Datasheet(HTML) 10 Page - Carlo Gavazzi Holding AG

Back Button ICS08S30F01PCM5 Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 9Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 10Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 11Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 12Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
Dimensions [mm]
4
30
31
SW13
LED
4
30
SW13
LED
34
3
Fig. 10 Short body, flush version, cable
Fig. 11 Short body, non-flush version, cable
4
SW13
4
7
31
29
40
Ø2 LEDx4
1
4
3
4
SW13
4
7
31
Ø2 LEDx4
3
29
43
1
4
3
Fig. 12 Short body, flush version, plug
Fig. 13 Short body, non-flush version, plug
4
SW13
LED
45
46
4
SW13
3
LED
45
49
Fig. 14 Long body, flush version, cable
Fig. 15 Long body, non-flush version, cable
4
SW13
46
44
55
4
7
Ø2 LEDx4
1
4
3
4
7
4
SW13
46
Ø2 LEDx4
44
58
3
1
4
3
Fig. 16 Long body, flush version, plug
Fig. 17 Long body, non-flush version, plug



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com