Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS08S30F01PCM5 Datasheet(PDF) 2 Page - Carlo Gavazzi Holding AG

Part # ICS08S30F01PCM5
Description  ICS08 3-wire DC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS08S30F01PCM5 Datasheet(HTML) 2 Page - Carlo Gavazzi Holding AG

  ICS08S30F01PCM5 Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 4Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 5Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 6Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 7Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 8Page - Carlo Gavazzi Holding AG ICS08S30F01PCM5 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
Carlo Gavazzi Automation S.p.A.
ICS08 3-wire DC
ICS08 3-wire DC DS EN
21/07/2020
References
Order code
I C S 0 8
Enter the code option instead of
Code
Option Description
I
-
Inductive sensor
C
-
Cylindrical housing with threaded barrel
S
-
Stainless steel housing
08
-
M8 housing
S30
Short housing with thread barrel of 30 mm
L45
Long housing with thread length of 45 mm
F
Flush
N
Non-flush
01
Sensing distance 1mm
02
Sensing distance 2mm
04
Sensing distance 4mm
NO
NPN – normally open output
NC
NPN – normally closed output
PO
PNP – normally open output
PC
PNP – normally closed output
M5
M8 plug
(null)
2 m PVC cable
Additional characters can be used for customized versions.
Selection guide
M8 standard range, short housing
Con-
nec-
tion
Rated
operating
distance
Sn
Detec-
tion
princi-
ple
Ordering no.
NPN,
Normally open
Ordering no.
PNP,
Normally open
Ordering no.
NPN,
Normally closed
Ordering no.
PNP,
Normally closed
Cable
1 mm
Flush
ICS08S30F01NO
ICS08S30F01PO
ICS08S30F01NC
ICS08S30F01PC
Plug
ICS08S30F01NOM5 ICS08S30F01POM5 ICS08S30F01NCM5 ICS08S30F01PCM5
Cable
2 mm
Non-
flush
ICS08S30N02NO
ICS08S30N02PO
ICS08S30N02NC
ICS08S30N02PC
Plug
ICS08S30N02NOM5 ICS08S30N02POM5 ICS08S30N02NCM5 ICS08S30N02PCM5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com