Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS30LN22PCM1-FB Datasheet(PDF) 3 Page - Carlo Gavazzi Holding AG

Part # ICS30LN22PCM1-FB
Description  Proximity Inductive Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS30LN22PCM1-FB Datasheet(HTML) 3 Page - Carlo Gavazzi Holding AG

  ICS30LN22PCM1-FB Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS30LN22PCM1-FB Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS30LN22PCM1-FB Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS30LN22PCM1-FB Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Specifications are subject to change without notice (18.07.16)
3
ICS, IP69K, M30
d : sensor diameter (30 mm)
Flush mountable proximity switches, when installed together
in damping material, must be according to Picture 2A.
Non-flush mountable proximity switches, when installed
together in damping material, must be according to Picture
2B.
2 x d
d
Picture 2A
Picture 2B
d
d
d
d : sensor diameter (30 mm)
d
Sn : nominal sensing distance
For sensors installed opposite each other, a minimum space of 6 x Sn (the nominal sensing distance) must be observed (See
Picture 3).
Picture 3
Wiring Diagram
≥ 6 x Sn
d
d
≥ 3 x Sn
Free zone or
non-damping
material
Sn : nominal sensing distance
d : sensor diameter (30 mm)
Flush mountable proximity switches, when installed in
damping material, must be according to Picture 1A.
≥ 3 x Sn
Free zone or
non-damping
material
Sn : nominal sensing distance
d : sensor diameter (30 mm)
Non-flush mountable proximity switches, when installed in
damping material, must be according to Picture 1B.
≥ 3 x d
d
Picture 1A
Picture 1B
d
Installation
** ≥ 14 mm Sn = 15 mm (1x)
≥ 18 mm Sn = 22 mm (2x)
NPN - Normally open
+
-
1
4
3
NPN - Normally closed
1
2
3
+
-
PNP - Normally open
+
-
1
4
3
PNP - Normally closed
+
-
1
2
3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com