Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ICS30LN22PCM1-FB Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # ICS30LN22PCM1-FB
Description  Proximity Inductive Sensors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

ICS30LN22PCM1-FB Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  ICS30LN22PCM1-FB Datasheet HTML 1Page - Carlo Gavazzi Holding AG ICS30LN22PCM1-FB Datasheet HTML 2Page - Carlo Gavazzi Holding AG ICS30LN22PCM1-FB Datasheet HTML 3Page - Carlo Gavazzi Holding AG ICS30LN22PCM1-FB Datasheet HTML 4Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
Specifications are subject to change without notice (18.07.16)
ICS, IP69K, M30
Reduction Factors
The rated operating distance
is reduced by the use of
metals and alloys other than
Fe360.
The most important reduc-
tion factors for inductive
proximity sensors are shown
in Picture 4.
Fe360 : Steel
CrNi : Chrome-nickel
CuZn : Brass
Al : Aluminium
Cu : Copper
Sr : Effective operating distance
Picture 4
Delivery Contents
• Inductive proximity switch ICS.
• 2 nuts stainless steel
• Packaging: plastic bag
4-wire angled connector,
2 m cable
CONB14NF-AP2W
4-wire angled connector,
5 m cable
CONB14NF-AP5W
4-wire straight connector,
2 m cable
CONB14NF-SP2W
4-wire straight connector,
5 m cable
CONB14NF-SP5W
For any additional information
or different options,
please refer to the
“General Accessories”
datasheets.
IP69K Connector Cables



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com