Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPDM12501/B Datasheet(PDF) 27 Page - Carlo Gavazzi Holding AG

Part # SPDM12501/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12501/B Datasheet(HTML) 27 Page - Carlo Gavazzi Holding AG

Back Button SPDM12501/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 29Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 27 / 29 page
background image
27
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Block diagram
SPDM 120W / 240W
SPDM 30W / 50W / 75W
Hiccup Mode
Fuse
L
Vo +
Vo -
Vout ADj.
DC ON
(Green LED)
N
Line
Filter
Inrush Current
Limiter and
Rectier
Switching
Device
Control
Circuit
Rectier
Opto/
Isolation
Reference &
Error Amp.
Output
Level
Detection
Time
t
V
100
50
50
25
10
80
82
84
86
88
90
50
75
100
85
85
100
100
264
100
0
0
Power Out [%]
Safe Operating Area
Safe Operating Area
230VAC
115VAC
-25°C
-13°F
51°C
123.8°F
71°C
159.8°F
Temperature [°C]
Input Voltage [VAC]
Ta=40°C / 104°F
Ta=50°C / 122°F
Input: 100-240V~
3A Max
50-60Hz
Output: 24V
5A
+V -V
+V +V
+VADJ
-V -V
SPDM241201
DC-OK
1 2
4 5 6 7 8 9
W=45
38.1
3.45
20
12.5
3
119
EMI filter
&
Rectifiers
Rectifiers
&
Filter
O.C.P.
O.V.P.
O.L.P.
I/P
PG
+V
-V
O.T.P.
Power
Switching
Detection
Circuit
PWM
Control
0
-20 -15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80
0.5
1
1.5
2
2.5
3
Ambient temperature (°C)
115Vac
220Vac
Ambient temperature (°C)
-25
12.5
10
7.5
5
2.5
0
-20 -15 -10 5
5
0
10 15 20 25 30 35 40 45 50 55 60 65 70 75
115Vac
230Vac
Ambient temperature (°C)
2
3
4
5
6
1
0
-20 -15 -10 5
5
0
10 15 20 25 30 35 40 45 50 55 60 65 70 75
115Vac
230Vac



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com