Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPDM12501/B Datasheet(PDF) 29 Page - Carlo Gavazzi Holding AG

Part # SPDM12501/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12501/B Datasheet(HTML) 29 Page - Carlo Gavazzi Holding AG

Back Button SPDM12501/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 24Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 25Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 26Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 27Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 28Page - Carlo Gavazzi Holding AG SPDM12501/B Datasheet HTML 29Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
29
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Glossary
CE: "Conformité Européene" or "European Conformity" ; Indicates the manufacturer declaration of
conformity that the product meets the relevant health, safety and environmental protection requirements
of the applicable EC directives.
Economical: The SPDM is the most economical power supply, offering features and spacing while
lowering the cost.
cULus: This certification mark is based on the UL508 - Standard for Industrial Control Equipment.
The UL508 standard covers industrial control and auxiliary devices for starting, stopping, regulating,
controlling, or protecting electric motors. In addition, UL508 also covers devices rated 1500 volts or
less. Industrial control equipment covered by these requirements is intended for use in an ambient
temperature of 0°C – 40°C (32 – 104°F).
Spring Terminals: The SPDM 30W, 50W and 75W provide the option of spring terminals, saving
installation time by up to 50%.
cRUus: This certification mark is based on the UL60950-1 ; Information Technology Equipment
- Safety - Part 1. The UL60950-1 is applicable to mains-powered or battery-powered information
technology equipment, including electrical business equipment and associated equipment, with a
RATED VOLTAGE not exceeding 600 V.
UL1310: The UL1310 Class 2 units utilize an isolating transformer and may incorporate components to
provide an alternating- or direct-current output. Each output provides Class 2 power levels in accordance
with the National Electrical Code, ANSI/NFPA 70. Maximum output voltage does not exceed 42.4 V
peak for alternating current, 60 V for continuous direct current. These products are intended primarily
to provide power to low voltage, electrically operated devices.
Reduced dimension: The footprint is reduced with the SPDM, saving up to 30% space when compared
to others.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com