Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPDM24501/B Datasheet(PDF) 14 Page - Carlo Gavazzi Holding AG

Part # SPDM24501/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM24501/B Datasheet(HTML) 14 Page - Carlo Gavazzi Holding AG

Back Button SPDM24501/B Datasheet HTML 10Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 18Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
14
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Output data
SPDM 30W
SPDM 50W
SPDM 75W
SPDM 120W
SPDM 240W
Output power
30W
50W
75W
120W
240W
Voltage accuracy
±1%
Line regulation
±1%
±0.5%
Load regulation
±1%
Voltage regulation span
11.4VDC to 15.6VDC (12VDC)
22.5VDC to 28.5VDC (24VDC)
12VDC to
14VDC (12VDC)
24VDC to
28VDC (24VDC)
48VDC to
56VDC (48VDC)
24VDC to
28VDC (24VDC)
48VDC to
56VDC
(48VDC)
Rated output current
2A (12VDC)
1.25A (24VDC)
4A (12VDC)
2.1A (24VDC)
5.5A (12VDC)
3A (24VDC)
10A (12V)
5A (24V)
2.5A (48DC)
10A (24V)
5A (48DC)
Rated continuous
loading
12
1.6 A (15 VDC)
3.2 A (15 VDC)
4.4 A (15 VDC)
9 A (14 VDC)
24
1 A (28.5 VDC) 1.7 A (28.5 VDC) 2.4 A (28.5 VDC) 4.5 A (28 VDC)
9 A (28 VDC)
48
2.25 A( 56 VDC) 4.5 A (56 VDC)
Ripple and noise
100mV
0 to 70°C
(32 to 158°F)
≤120mV
(12-24VDC)
≤240mV (48VDC)
-20 to 0°C
(-13 to 32°F)
≤240mV
(12-24VDC)
≤480mV (48VDC)
0-70°C
(32 to 158°F)
≤120mV (24VDC)
≤240mV (48VDC)
(-20) -0°C
(-13 to 32°F)
≤240mV (24VDC)
≤480mV (48VDC)
Hold up time
115VAC
230VAC
20ms
50ms
15ms
50ms
≥10ms
≥20ms
≥10ms
≥20ms
Set-up time
115VAC
230VAC
≤1s
≤1s
≤2s
≤2s
≤3ms
≤1.2s
≤2s
Rise time
150ms
<60mS
<100mS
Turn-on overshoot
< +5%, Io nom, 25°C
<5.0%
Overshoot and
undershoot
< +5%, Io nom, 25°C / < -5%, Io nom, 25°C
≤5.0%
Series operation
Yes
Parallel operation
No
Power oost
No
(All specifications are at nominal values, full load, 25°C unless otherwise stated)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com