Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPDM24501/B Datasheet(PDF) 18 Page - Carlo Gavazzi Holding AG

Part # SPDM24501/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM24501/B Datasheet(HTML) 18 Page - Carlo Gavazzi Holding AG

Back Button SPDM24501/B Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM24501/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 29 page
background image
18
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Output characteristics
SPDM 30W 12VDC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120%
140% 160%
180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
SPDM 30W 24VDC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120% 140% 160% 180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120%
140% 160%
180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
SPDM 50W 12VDC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120%
140% 160%
180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
SPDM 50W 24VDC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120%
140% 160%
180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120%
140% 160%
180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
SPDM 75W 12VDC
100%
0
2
4
6
8
10
12
14
120% 140% 160% 180% 200% 215%
100%
100%
0
2
4
6
8
10
12
14
120%
140%
151%
100%
0
4
8
12
16
20
24
28
120%
140%
147%
0
2
4
6
8
10
12
14
120%
140%
160%
170%
190%
210%
100%
0
4
8
12
16
20
24
28
120%
140% 160%
180% 200% 215%
100%
0
4
8
12
16
20
24
28
120%
140%
156%
170%
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
Output current (A)
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
@ 110VAC
@ 230VAC
SPDM 75W 24VDC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com