Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPDM12751/B Datasheet(PDF) 15 Page - Carlo Gavazzi Holding AG

Part # SPDM12751/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12751/B Datasheet(HTML) 15 Page - Carlo Gavazzi Holding AG

Back Button SPDM12751/B Datasheet HTML 11Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 12Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 13Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 14Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 15Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 19Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
15
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Current derating
Performance
SPDM 30W - 50W - 75W 12VDC / 24VDC
100
50
-25
51
71
85
85
0
100
100
264
Temperature [°C]
Safe operating area
Safe operating area
Input voltage [VAC]
Ta=40°C
Ta=50°C
0
12.5
7.5
Temperature (°C)
10
5
2.5
0
-25 -20-15-10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
115VAC
230VAC
70
115VAC
230VAC
0
1
2
3
4
5
Temperature (°C)
-20 -15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
70
115VAC
230VAC
Temperature (°C)
-20
-25
0
0.5
1
1.5
2.5
3
2
-15 -10 -5
0 5 10 15 20 25 30 35 40 45 50 55 60 65
75 80
70
SPDM 120W 12VDC / 24VDC / 48VDC
100
50
-25
51
71
85
85
0
100
100
264
Temperature [°C]
Safe operating area
Safe operating area
Input voltage [VAC]
Ta=40°C
Ta=50°C
0
12.5
7.5
Temperature (°C)
10
5
2.5
0
-25 -20-15-10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
115VAC
230VAC
70
115VAC
230VAC
0
1
2
3
4
5
6
Temperature (°C)
-20 -15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
70
115VAC
230VAC
Temperature (°C)
-20
-25
0
0.5
1
1.5
2.5
3
2
-15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75 80
70
100
50
-25
51
71
85
85
0
100
100
264
Temperature [°C]
Safe operating area
Safe operating area
Input voltage [VAC]
Ta=40°C
Ta=50°C
0
12.5
7.5
Temperature (°C)
10
5
2.5
0
-25 -20-15-10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
115VAC
230VAC
70
115VAC
230VAC
0
1
2
3
4
5
6
Temperature (°C)
-20 -15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75
70
115VAC
230VAC
Temperature (°C)
-20
-25
0
0.5
1
1.5
2.5
3
2
-15 -10 -5 0 5 10 15 20 25 30 35 40 45 50 55 60 65
75 80
70



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com