Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SPDM12751/B Datasheet(PDF) 20 Page - Carlo Gavazzi Holding AG

Part # SPDM12751/B
Description  Single Phase Power Supply
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

SPDM12751/B Datasheet(HTML) 20 Page - Carlo Gavazzi Holding AG

Back Button SPDM12751/B Datasheet HTML 16Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 17Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 18Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 19Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 20Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 21Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 22Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 23Page - Carlo Gavazzi Holding AG SPDM12751/B Datasheet HTML 24Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
20
Carlo Gavazzi Automation S.p.A.
SPDM
SPDM DS ENG
26/02/2019
Typical efficiency curve
SPDM 30W 12VDC / 24VDC
SPDM 50W 12VDC / 24VDC
Power out [%]
230VAC
115VAC
70
10
25
50
75
100
72
74
76
78
80
82
84
86
88
Power out [%]
230VAC
115VAC
70
10
25
50
75
100
75
80
85
90
Power out [%]
230VAC
115VAC
80
10
25
50
75
100
84
82
86
88
90
SPDM 75W 12VDC / 24VDC
Power out [%]
230VAC
115VAC
70
10
25
50
75
100
72
74
76
78
80
82
84
86
88
Power out [%]
230VAC
115VAC
70
10
25
50
75
100
75
80
85
90
Power out [%]
230VAC
115VAC
80
10
25
50
75
100
84
82
86
88
90
SPDM 120W 12VDC / 24VDC / 48VDC
SPDM 240W 24VDC / 48VDC
Output current (A)
1
70
72
74
76
78
80
82
84
86
88
90
2
1.5
2.5
3.5
4.5
3
4
5
230VAC
110VAC
Output current (A)
70
1
2
3
4
5
6
7
8
9
10
72
74
76
78
80
82
84
86
88
90
230VAC
110VAC
NOT THIS ONE
Output current (A)
1
70
72
74
76
78
80
82
84
86
88
90
2
2.5
3.5
4.5
3
4
5
230VAC
110VAC
Output current (A)
70
1
2
3
4
5
6
7
8
9
10
72
74
76
78
80
82
84
86
88
90
230VAC
110VAC
NOT THIS ONE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com