Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV931IDBVT Datasheet(PDF) 5 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 5 Page - Texas Instruments

  LMV931IDBVT Datasheet HTML 1Page - Texas Instruments LMV931IDBVT Datasheet HTML 2Page - Texas Instruments LMV931IDBVT Datasheet HTML 3Page - Texas Instruments LMV931IDBVT Datasheet HTML 4Page - Texas Instruments LMV931IDBVT Datasheet HTML 5Page - Texas Instruments LMV931IDBVT Datasheet HTML 6Page - Texas Instruments LMV931IDBVT Datasheet HTML 7Page - Texas Instruments LMV931IDBVT Datasheet HTML 8Page - Texas Instruments LMV931IDBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
5
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC+ = 1.8 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, and
RL > 1 MΩ (unless otherwise noted)(continued)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
High
25
°C
1.65
1.72
RL = 600 Ω to 0.9 V,
High
level
Full range
1.63
RL = 600 Ω to 0.9 V,
VID = ±100 mV
Low level
25
°C
0.077
0.105
VO
Output swing
VID = 100 mV
Low level
Full range
0.120
V
VO
Output swing
High
25
°C
1.75
1.77
V
RL = 2 kΩ to 0.9 V,
High
level
Full range
1.74
RL = 2 kΩ to 0.9 V,
VID = ±100 mV
Low level
25
°C
0.024
0.035
VID = 100 mV
Low level
Full range
0.04
VO = 0 V,
Sourcing
25
°C
4
8
IOS
Output short-circuit
VO = 0 V,
VID = 100 mV
Sourcing
Full range
3.3
mA
IOS
Output short-circuit
current
VO = 1.8 V,
Sinking
25
°C
7
9
mA
current
VO = 1.8 V,
VID = −100 mV
Sinking
Full range
5
GBW
Gain bandwidth product
25
°C
1.4
MHz
SR
Slew rate
See Note 6
25
°C
0.35
V/
mS
Fm
Phase margin
25
°C
67
°
Gain margin
25
°C
7
dB
Vn
Equivalent input noise
voltage
f = 1 kHz, VIC = 0.5 V
25
°C
60
nV/
√Hz
In
Equivalent input noise
current
f = 1 kHz
25
°C
0.06
pA/
√Hz
THD
Total harmonic distortion
f = 1 kHz, AV = 1, RL = 600 Ω,
VID = 1 Vp-p
25
°C
0.023
%
Amp-to-amp isolation
See Note 7
25
°C
123
dB
NOTES:
6. Number specified is the slower of the positive and negative slew rates.
7. Input referred, VCC+ = 5 V and RL = 100 kΩ connected to 2.5 V. Each amp is excited, in turn, with a 1-kHz signal to produce
VO = 3 Vp-p.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com