Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LMV931IDBVT Datasheet(PDF) 6 Page - Texas Instruments

Part # LMV931IDBVT
Description  1.8-V OPERATIONAL AMPLIFIERS WITH RAIL-TO-RAIL INPUT AND OUTPUT
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMV931IDBVT Datasheet(HTML) 6 Page - Texas Instruments

Back Button LMV931IDBVT Datasheet HTML 2Page - Texas Instruments LMV931IDBVT Datasheet HTML 3Page - Texas Instruments LMV931IDBVT Datasheet HTML 4Page - Texas Instruments LMV931IDBVT Datasheet HTML 5Page - Texas Instruments LMV931IDBVT Datasheet HTML 6Page - Texas Instruments LMV931IDBVT Datasheet HTML 7Page - Texas Instruments LMV931IDBVT Datasheet HTML 8Page - Texas Instruments LMV931IDBVT Datasheet HTML 9Page - Texas Instruments LMV931IDBVT Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
LMV931 SINGLE, LMV932 DUAL, LMV934 QUAD
1.8V OPERATIONAL AMPLIFIERS
WITH RAILTORAIL INPUT AND OUTPUT
SLOS441F − AUGUST 2004 − REVISED FEBRUARY 2005
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics at TA = 25°C, VCC+ = 2.7 V, VCC− = 0 V, VIC = VCC+/2, VO = VCC+/2, and
RL > 1 MΩ (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA
MIN
TYP
MAX
UNIT
LMV931 (single)
25
°C
1
4
VIO
Input offset voltage
LMV931 (single)
Full range
6
mV
VIO
Input offset voltage
LMV932 (dual), LMV934 (quad)
25
°C
1
5.5
mV
LMV932 (dual), LMV934 (quad)
Full range
7.5
IO
αV
Average
temperature
coefficient of input
offset voltage
25
°C
5.5
mV/°C
VIC = VCC+ − 0.8 V
25
°C
15
35
IIB
Input bias current
25
°C
65
nA
IIB
Input bias current
Full range
75
nA
IIO
Input offset current
25
°C
8
25
nA
IIO
Input offset current
Full range
40
nA
ICC
Supply current
25
°C
105
190
A
ICC
Supply current
(per channel)
Full range
210
mA
0
≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.7 V
25
°C
60
81
0
≤ VIC ≤ 1.5 V, 2.3 V ≤ VIC ≤ 2.7 V
−40
°C to 85°C
55
CMRR
Common-mode
rejection ratio
0.2
≤ VIC ≤ 1.5 V,
2.3 V
≤ VIC ≤ 2.5 V
−40
°C to
125
°C
55
dB
rejection ratio
−0.2 V
≤ VIC ≤ 0 V,
2.7 V
≤ VIC ≤ 2.9 V
25
°C
50
74
kSVR
Supply-voltage
1.8 V
≤ VCC+ ≤ 5 V,
25
°C
75
100
dB
kSVR
Supply-voltage
rejection ratio
1.8 V
≤ VCC+ ≤ 5 V,
VIC = 0.5 V
Full range
70
dB
25
°C
VCC− − 0.2
−0.2 to 3.0
VCC+ + 0.2
VICR
Common-mode
input voltage range
CMRR
≥ 50 dB
−40
°C to 85°C
VCC−
VCC+
V
VICR
Common-mode
input voltage range
CMRR
≥ 50 dB
−40
°C to
125
°C
VCC− + 0.2
VCC+ −0.2
V
RL = 600 Ω to 1.35 V,
25
°C
87
104
LMV931
RL = 600 Ω to 1.35 V,
VO = 0.2 V to 2.5 V
Full range
86
Large-
LMV931
RL = 2 kΩ to 1.35 V,
25
°C
92
110
AV
Large-
signal
RL = 2 kΩ to 1.35 V,
VO = 0.2 V to 2.5 V
Full range
91
dB
AV
signal
voltage
gain
RL = 600 Ω to 1.35 V,
25
°C
78
90
dB
voltage
gain
LMV932,
RL = 600 Ω to 1.35 V,
VO = 0.2 V to 2.5 V
Full range
75
LMV932,
LMV934
RL = 2 kΩ to 1.35 V,
25
°C
81
100
LMV934
RL = 2 kΩ to 1.35 V,
VO = 0.2 V to 2.5 V
Full range
78



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com